Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9801-M/MSG Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP9801-M/MSG
Description  2-Wire High-Accuracy Temperature Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9801-M/MSG Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP9801-M/MSG Datasheet HTML 12Page - Microchip Technology MCP9801-M/MSG Datasheet HTML 13Page - Microchip Technology MCP9801-M/MSG Datasheet HTML 14Page - Microchip Technology MCP9801-M/MSG Datasheet HTML 15Page - Microchip Technology MCP9801-M/MSG Datasheet HTML 16Page - Microchip Technology MCP9801-M/MSG Datasheet HTML 17Page - Microchip Technology MCP9801-M/MSG Datasheet HTML 18Page - Microchip Technology MCP9801-M/MSG Datasheet HTML 19Page - Microchip Technology MCP9801-M/MSG Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
MCP9800/1/2/3
DS21909C-page 16
 2010 Microchip Technology Inc.
5.3.1
AMBIENT TEMPERATURE
REGISTER (TA)
The MCP9800/1/2/3 has a 16-bit read-only Ambient
Temperature register that contains 9-bit to 12-bit
temperature data. (0.5°C to 0.0625°C resolutions,
respectively). This data is formatted in two’s
complement. The bit assignments, as well as the
corresponding resolution, is shown in the register
assignment below.
The refresh rate of this register depends on the
selected ADC resolution. It takes 30 ms (typical) for
9-bit data and 240 ms (typical) for 12-bit data. Since
this register is double-buffered, the user can read the
register
while
the
MCP9800/1/2/3
performs
Analog-to-Digital conversion in the background. The
decimal code to ambient temperature conversion is
shown in Equation 5-2:
EQUATION 5-2:
T
A
Code
2
4
–
=
Where:
TA = Ambient Temperature (°C)
Code = MCP9800 output in decimal
REGISTER 5-2:
AMBIENT TEMPERATURE REGISTER (TA) – ADDRESS <0000 0000>b
Upper Half:
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
Sign
26 °C
25 °C
24 °C
23 °C
22 °C
21 °C
20 °C
bit 15
bit 8
Lower Half:
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
2-1 °C/bit
2-2 °C
2-3 °C
2-4 °C
0
0
0
0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
Note 1:
When the 0.5°C, 0.25°C or 0.125°C resolutions are selected, bit 6, bit 7 or bit 8 will remain clear <0>,
respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com