Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9801-M/MSG Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP9801-M/MSG
Description  2-Wire High-Accuracy Temperature Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9801-M/MSG Datasheet(HTML) 5 Page - Microchip Technology

  MCP9801-M/MSG Datasheet HTML 1Page - Microchip Technology MCP9801-M/MSG Datasheet HTML 2Page - Microchip Technology MCP9801-M/MSG Datasheet HTML 3Page - Microchip Technology MCP9801-M/MSG Datasheet HTML 4Page - Microchip Technology MCP9801-M/MSG Datasheet HTML 5Page - Microchip Technology MCP9801-M/MSG Datasheet HTML 6Page - Microchip Technology MCP9801-M/MSG Datasheet HTML 7Page - Microchip Technology MCP9801-M/MSG Datasheet HTML 8Page - Microchip Technology MCP9801-M/MSG Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
 2010 Microchip Technology Inc.
DS21909C-page 5
MCP9800/1/2/3
Timing Diagram
SERIAL INTERFACE TIMING SPECIFICATIONS
Electrical Specifications:
Unless otherwise indicated, VDD = 2.7V to 5.5V, GND = Ground, -55°C < TA < +125°C,
CL = 80 pF, and all limits measured to 50% point.
Parameters
Sym
Min
Typ
Max
Units
Conditions
2-Wire I2C™/SMBus Compatible Interface
Serial Port Frequency
fSC
0
—
400
kHz
I2C MCP9800/01
fSC
10
—
400
kHz
SMBus MCP9802/03
Clock Period
tSC
2.5
—
—
µs
Low Clock
tLOW
1.3
—
—
µs
High Clock
tHIGH
0.6
—
—
µs
Rise Time
tR
20
—
300
ns
10% to 90% of VDD (SCLK, SDA)
Fall Time
tF
20
—
300
ns
90% to 10% of VDD (SCLK, SDA)
Data Setup Before SCLK High
tSU-DATA
0.1
—
—
µs
Data Hold After SCLK Low
tH-DATA
0—
0.9
µs
Start Condition Setup Time
tSU-START
0.6
—
—
µs
Start Condition Hold Time
tH-START
0.6
—
—
µs
Stop Condition Setup Time
tSU-STOP
0.6
—
—
µs
Bus Idle
tIDLE
1.3
—
—
µs
Time Out
tOUT
25
35
50
ms
MCP9802/03 only
Start Condition
Data Transmission
Stop Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com