Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3495MTC Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3495MTC
Description  Emulated Peak Current Mode Buck Controller for Low Output Voltage
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3495MTC Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LM3495MTC Datasheet HTML 17Page - National Semiconductor (TI) LM3495MTC Datasheet HTML 18Page - National Semiconductor (TI) LM3495MTC Datasheet HTML 19Page - National Semiconductor (TI) LM3495MTC Datasheet HTML 20Page - National Semiconductor (TI) LM3495MTC Datasheet HTML 21Page - National Semiconductor (TI) LM3495MTC Datasheet HTML 22Page - National Semiconductor (TI) LM3495MTC Datasheet HTML 23Page - National Semiconductor (TI) LM3495MTC Datasheet HTML 24Page - National Semiconductor (TI) LM3495MTC Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Design Considerations (Continued)
The bandwidth of this example circuit is 49 kHz, with a phase
margin of 46˚.
Efficiency Calculations
A reasonable estimation for the efficiency,
η, of a buck
regulator controlled by the LM3495 can be obtained by
adding together the loss in each current carrying element,
P
TOTAL-LOSS, and using the equation:
The following shows an efficiency calculation to complement
the Typical Application circuit. Output power for this circuit is
P
O = 1.2V x 10A = 12W. Input voltage is assumed to be 12V,
and the calculations used assume that the converter runs in
CCM.
Chip Operating Loss
This term accounts for the current drawn at the VIN pin. This
current, I
IN, drives the logic circuitry and the power FETs.
The gate driving loss term from the power FET section of
Design Considerations is included in the chip operating loss.
For the LM3495, I
IN is equal to the steady state operating
current, I
Q, plus the FET driving current, IGC. Power is lost as
this I
IN passes through the internal linear regulator of the
LM3495.
I
GC =(QG-HI +QG-LO)xfOSC
I
GC = (11nC + 33nC) x 500 kHz = 22 mA
I
Q is typically 1.8 mA, taken from the Electrical Characteris-
tics table. Chip Operating Loss is then:
P
Q =VIN x(IQ +IGC)
P
Q = 12V x (1.8mA + 22mA) = 0.29W
High-Side FET Switching Loss
P
SW =0.5xVIN xIO x(tR +tF)xfSW
P
SW = 0.5 x 12V x 10A x (5 ns + 8 ns) x 500 kHz = 0.39W
FET Conduction Loss
P
C =D(I
2
O xRDSON-HI x 1.3)
P
C-HI = 0.1 x (100 x 0.013) = 0.13W
P
C =(1-D)(I
2
O xRDSON-LO x 1.3)
P
C-LO = 0.9 x (100 x 0.0044) = 0.40W
R
SNS Loss (if used)
P
SNS =(1-D)((IO)
2 xR
SNS)
Not used in this example.
Input Capacitor Loss
This term represents the loss as input ripple current passes
through the ESR of the input capacitor bank. In this equation
‘n’ is the number of capacitors in parallel.
P
IN = (3A)
2 x2m
Ω) = 0.018W
Output Inductor Loss
P
LOUT =(IO)
2 xR
L
P
LOUT = (10A)
2 x3m
Ω = 0.3W
Total Loss
P
LOSS = 1.53W
Efficiency
n = 12W/(12W +1.50W) = 88%
Layout Considerations
To produce an optimal power solution with the LM3495, good
layout and design of the PCB are as important as the com-
ponent selection. The following are several guidelines to aid
in creating a good layout.
KELVIN TRACES FOR SENSE LINES
The pins of the low-side FET should be connected as close
as possible to the SW/CSH and CSL pins. Each pin should
use a separate trace, and the traces should be run parallel to
each other to give common mode rejection. Although it can
be difficult in a compact design, these traces should stay
away from the output inductor if possible, to avoid coupling
stray flux.
The SNS pin should also be connected using a separate
Kelvin trace, running from the positive pin/pad of the output
20169968
20169969
FIGURE 10. Overall Loop Gain and Phase
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com