Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3495MTC Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3495MTC
Description  Emulated Peak Current Mode Buck Controller for Low Output Voltage
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3495MTC Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM3495MTC Datasheet HTML 12Page - National Semiconductor (TI) LM3495MTC Datasheet HTML 13Page - National Semiconductor (TI) LM3495MTC Datasheet HTML 14Page - National Semiconductor (TI) LM3495MTC Datasheet HTML 15Page - National Semiconductor (TI) LM3495MTC Datasheet HTML 16Page - National Semiconductor (TI) LM3495MTC Datasheet HTML 17Page - National Semiconductor (TI) LM3495MTC Datasheet HTML 18Page - National Semiconductor (TI) LM3495MTC Datasheet HTML 19Page - National Semiconductor (TI) LM3495MTC Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
Applications Information (Continued)
tion. During shutdown, both the high-side and low-side FETs
are disabled. The output voltage is discharged through the
SNS pin by an internal 500
Ω FET.
THERMAL SHUTDOWN
The LM3495 will enter a thermal shutdown state if the die
temperature exceeds 150˚C. Both the high-side and low-side
power FETs are turned off, the output voltage is discharged
through an internal 500
Ω FET, and the IC will remain in this
condition until the die temperature has dropped to approxi-
mately 135˚C. At this point the LM3495 will perform a soft-
start.
Design Considerations
The most common circuit controlled by the LM3495 is a
non-isolated, synchronous buck regulator. The buck regula-
tor steps down the input voltage and has a duty cycle, D, of:
The following is a design procedure for selecting all the
components in the Typical Application circuit on the front
page. This circuit delivers a 1.2V ± 1% output voltage at
output currents up to 10A from an input voltage of 12V ±
10%. This circuit is typical of a point-of-load (POL) module. A
BOM for this typical application is listed in Table 3 at the end
of this datasheet.
SWITCHING FREQUENCY
The selection of switching frequency is based on the
tradeoffs between size, cost, and efficiency. In general, a
lower frequency means larger, more expensive inductors
and capacitors will be needed. A higher switching frequency
generally results in a smaller but less efficient solution, as
the power FET gate capacitances must be charged and
discharged more often in a given amount of time. For this
application, a frequency of 500 kHz was selected because
the space on a POL circuit board is limited. This frequency is
a good compromise between the size of the inductor and
FETs, transient response, and efficiency. Following the
equation given for R
FRQ in the Applications Information sec-
tion, a 54.9 k
Ω 1% resistor should be used to switch at 500
kHz.
MOSFETS
Selection of the power FETs is governed by the same
tradeoffs as switching frequency. Breaking down the losses
in the high-side and low-side FETs is one way to determine
relative efficiencies between different FETs. When using dis-
crete SO-8 FETs the LM3495 is most efficient for output
currents of 2A to 10A.
Losses in the power FETs can be broken down into conduc-
tion loss, gate charging loss, and switching loss.
Conduction, or I
2R loss, P
C, is approximately:
P
C =D(IO
2 xR
DSON-HI x 1.3)
(High-Side MOSFET)
P
C =(1-D)x(IO
2 x(R
DSON-LO x1.3+RSNS))
(Low-Side MOSFET)
In the above equations R
DSON-HI and RDSON-LO refer to
on-resistance of the high-side and low-side FETs, respec-
tively. R
SNS is 0 if it is not used. The factor 1.3 accounts for
the increase in FET on-resistance due to heating. Alterna-
tively, the factor of 1.3 can be ignored and the on-resistance
of the FET can be estimated using the R
DSON vs Tempera-
ture curves in the FET datasheets. Gate charging loss, P
GC,
results from the current driving the gate capacitance of the
power FETs and is approximated as:
P
GC =nx(VLIN5 –VD)xQG-HI xfSW
(High-Side MOSFET)
P
GC =nxVLIN5 xQG-LO xfSW
(Low-Side MOSFET)
In the above equations Q
G-HI and QG-LO refer to the gate
charge of the high-side and low-side FETs, respectively. The
factor ‘n’ is the number of FETs (if multiple devices have
been placed in parallel) and Q
G is the total gate charge of the
FET. If different types of FETs are used, the ‘n’ term can be
ignored and their gate charges summed to form a cumulative
Q
G. Gate charge loss differs from conduction and switching
losses in that the actual dissipation occurs in the LM3495
and not in the FET itself. Further loss in the LM3495 is
incurred as the gate driving current passes through the
internal linear regulator. This loss term is factored into the
Chip Operating Loss portion of the Efficiency Calculations
section.
Switching loss, P
SW, occurs during the brief transition period
as the FET turns on and off. During the transition period both
current and voltage are present in the channel of the FET.
The loss can be approximated as:
P
SW =0.5xVIN xIO x(tR +tF)xfSW
Where t
R and tF are the rise and fall times of the FET.
Switching loss is calculated for the high-side FET only.
Switching loss in the low-side FET is negligible because the
body diode of the low-side FET turns on before the FET
itself, minimizing the voltage from drain to source before
turn-on.
For this example, the maximum drain-to-source voltage ap-
plied to either FET is 13.2V. The maximum drive voltage at
the gate of the high-side FET is 4.5V, and the maximum drive
voltage for the low-side FET is 5V. Any FET selected must be
able to withstand 13.2V plus any ringing from drain to
source, and be able to handle at least 5V plus ringing from
gate to source. One good choice of FET for the high-side has
an R
DSON of 9.6 m
Ω, total gate charge Q
G of 11 nC, and rise
and fall times of 5 and 8 ns, respectively. For the low-side
FET, a good choice has an R
DSON of 3.4 m
Ω and gate
charge of 33 nC. These values have been taken from the
FET datasheets with a V
GS of 4.5V.
OUTPUT INDUCTOR
The first criterion for selecting an output inductor is the
inductance itself. In most buck converters, this value is
based on the desired ripple current,
∆i
O, which flows in the
inductor along with the load current. This ripple current will
flow through the ESR and impedance of the output capacitor
to create the output voltage ripple,
∆v
O. Due to the unique
control architecture of the LM3495, a second requirement for
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com