Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3495MTC Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3495MTC
Description  Emulated Peak Current Mode Buck Controller for Low Output Voltage
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3495MTC Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM3495MTC Datasheet HTML 8Page - National Semiconductor (TI) LM3495MTC Datasheet HTML 9Page - National Semiconductor (TI) LM3495MTC Datasheet HTML 10Page - National Semiconductor (TI) LM3495MTC Datasheet HTML 11Page - National Semiconductor (TI) LM3495MTC Datasheet HTML 12Page - National Semiconductor (TI) LM3495MTC Datasheet HTML 13Page - National Semiconductor (TI) LM3495MTC Datasheet HTML 14Page - National Semiconductor (TI) LM3495MTC Datasheet HTML 15Page - National Semiconductor (TI) LM3495MTC Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
Applications Information
THEORY OF OPERATION
The LM3495 is an advanced, current mode PWM synchro-
nous controller. Unlike traditional peak current mode control-
lers which sense the current while the high-side FET is on,
the LM3495 senses current while the low-side FET is on.
The LM3495 then emulates the peak current waveform and
uses that information to regulate the output voltage. High-
side ON pulses as low as 50 ns are possible to achieve low
duty cycle operation. The LM3495 therefore enjoys both
excellent line transient response and the ability to regulate
low output voltages from high input voltages.
START UP
The LM3495 will begin to operate when the COMP/SD pin is
open-circuited and the voltage at the VIN pin has exceeded
2.6V. Once these two conditions have been met an internal
soft start begins and lasts for 400 switching cycles. When
soft start is complete the converter enters steady state op-
eration. Current limit is enabled during soft start to protect
against a short circuit at the output.
START UP INTO OUTPUT PRE-BIAS
If the output capacitor of the LM3495 regulator has been
charged up to some pre-bias level before the converter is
enabled, the soft start will ramp the output voltage from the
pre-bias level up to the target output voltage without ever
discharging the output capacitor. Note that the pre-bias volt-
age must not be greater than the target output voltage of the
LM3495, otherwise the LM3495 will pull the pre-bias supply
down during steady state operation. A zero-cross compara-
tor prevents the current in the inductor from reversing during
soft start and prevents discharge of the output capacitor
through the low-side FET. In FPWM mode, once soft-start is
complete the zero-cross threshold decreases over 16 cycles
and then is disabled, allowing the converter to sink current at
the output if needed.
The LM3495 contains an internal N-FET with an on-
resistance of approximately 500
Ω connected between the
SNS and PGND pins. When the converter is disabled, this
FET is turned on to discharge the output capacitor in a
controlled fashion. If the LM3495 is used in a system with a
pre-bias at the output the power supply providing the pre-
bias must be able to supply enough current for the 500
Ω
load that the internal FET creates.
TRACKING
The LM3495 can track the output of a master power supply
during soft start by connecting a resistor divider to the
TRACK pin (Figure 1). In this way, the output voltage slew
rate of the LM3495 will be controlled by the master supply for
loads that require precise sequencing. Because the output of
the master supply is divided down, the output voltage of the
LM3495 must be lower than the voltage of the master supply
in order to track properly. When the tracking function is not
being used, the TRACK pin should be connected directly to
the VLIN5 pin.
One way to use the tracking feature is to design the tracking
resistor divider so that the master supply output voltage
(V
OUT1) and the LM3495 output voltage (VOUT2) both rise
together and reach their target values at the same time. For
this case, the equation governing the values of the tracking
divider resistors R
T1 and RT2 is:
The above equation is set equal to 0.65V in order to ensure
that the final value of the track pin voltage exceeds the
reference voltage of the LM3495, and this 50 mV offset will
cause the LM3495 output voltage to reach regulation slightly
before the master supply. A value of 10 k
Ω 1% is recom-
mended for R
T2 as a good compromise between high preci-
sion and low quiescent current through the divider. If the
master supply voltage V
OUT1 is 5V, for example, then the
value of R
T1 needed to give the two supplies identical soft
start times would be 1.5 k
Ω 1%. A timing diagram for this
example, the equal soft start time case, is shown in Figure 2.
Alternatively, the tracking feature can be used to create
equal slew rates between the output voltages of the LM3495
and the master supply. This method ensures that the output
voltage of the LM3495 always reaches regulation before the
20169929
FIGURE 1. Tracking Circuit
20169931
FIGURE 2. Tracking with Equal Soft Start Time
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com