Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3495MTC Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3495MTC
Description  Emulated Peak Current Mode Buck Controller for Low Output Voltage
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3495MTC Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM3495MTC Datasheet HTML 1Page - National Semiconductor (TI) LM3495MTC Datasheet HTML 2Page - National Semiconductor (TI) LM3495MTC Datasheet HTML 3Page - National Semiconductor (TI) LM3495MTC Datasheet HTML 4Page - National Semiconductor (TI) LM3495MTC Datasheet HTML 5Page - National Semiconductor (TI) LM3495MTC Datasheet HTML 6Page - National Semiconductor (TI) LM3495MTC Datasheet HTML 7Page - National Semiconductor (TI) LM3495MTC Datasheet HTML 8Page - National Semiconductor (TI) LM3495MTC Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Typical Performance Characteristics V
IN = 12V unless specified, TA = 25˚C unless specified.
FB Reference Voltage vs Temperature
Switching Frequency vs Temperature
20169903
20169904
VLIN5 Voltage vs Temperature
Error Amplifier Transconductance vs Temperature
20169905
20169906
VLIN5 Voltage vs VIN
Efficiency in SKIP Mode
V
O = 2.2V, IO =10mAto500 mA
BOM in Table 2
20169908
20169912
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com