Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGD4M65DF2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STGD4M65DF2
Description  Trench gate field-stop, 650 V, 4 A, M series low-loss IGBT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD4M65DF2 Datasheet(HTML) 5 Page - STMicroelectronics

  STGD4M65DF2 Datasheet HTML 1Page - STMicroelectronics STGD4M65DF2 Datasheet HTML 2Page - STMicroelectronics STGD4M65DF2 Datasheet HTML 3Page - STMicroelectronics STGD4M65DF2 Datasheet HTML 4Page - STMicroelectronics STGD4M65DF2 Datasheet HTML 5Page - STMicroelectronics STGD4M65DF2 Datasheet HTML 6Page - STMicroelectronics STGD4M65DF2 Datasheet HTML 7Page - STMicroelectronics STGD4M65DF2 Datasheet HTML 8Page - STMicroelectronics STGD4M65DF2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
2.1
STGD4M65DF2 electrical characteristics (curves)
Figure 1. Power dissipation vs. case temperature
IGBT160320161051PDT
60
40
20
0
-50
0
50
100
150
P TOT
(W)
T C(°C)
VGE ≥15 V, T
J ≤ 175 °C
Figure 2. Collector current vs. case temperature
IGBT170320161114CCT
8
6
4
2
0
-50
0
50
100
150
I C
(A)
T C(°C)
VGE ≥15 V, T
J ≤ 175 °C
Figure 3. Output characteristics (TJ = 25 °C)
IGBT160320161105OC25
12
8
4
0
0
1
2
3
4
5
I C
(A)
V CE (V)
V GE = 15 V
9 V
7 V
11 V
13 V
Figure 4. Output characteristics (TJ = 175 °C)
IGBT160320161107OC175
12
8
4
0
0
1
2
3
4
5
I C
(A)
V CE (V)
V GE = 15 V
9 V
7 V
11 V
13 V
Figure 5. VCE(sat) vs. junction temperature
IGBT160320161120VCET
3.0
2.5
2.0
1.5
1.0
-50
0
50
100
150
V CE(SAT)
(V)
T J (°C)
V GE = 15 V
I C = 2 A
I C = 4 A
I C = 8 A
Figure 6. VCE(sat) vs. collector current
IGBT160320161125VCEC
3.0
2.5
2.0
1.5
1.0
0.5
0
2
4
6
V CE(SAT)
(V)
I C (A)
V GE = 15 V
T j = -40 °C
T j = 175 °C
T j = 25 °C
STGD4M65DF2
STGD4M65DF2 electrical characteristics (curves)
DS11397 - Rev 5
page 5/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com