Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGD4M65DF2 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STGD4M65DF2
Description  Trench gate field-stop, 650 V, 4 A, M series low-loss IGBT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD4M65DF2 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STGD4M65DF2 Datasheet HTML 3Page - STMicroelectronics STGD4M65DF2 Datasheet HTML 4Page - STMicroelectronics STGD4M65DF2 Datasheet HTML 5Page - STMicroelectronics STGD4M65DF2 Datasheet HTML 6Page - STMicroelectronics STGD4M65DF2 Datasheet HTML 7Page - STMicroelectronics STGD4M65DF2 Datasheet HTML 8Page - STMicroelectronics STGD4M65DF2 Datasheet HTML 9Page - STMicroelectronics STGD4M65DF2 Datasheet HTML 10Page - STMicroelectronics STGD4M65DF2 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Figure 13. Capacitance variations
IGBT160320161139CVR
10 2
10 1
10 0
10 -1
10 0
10 1
10 2
C
(pF)
V CE (V)
C ies
C oes
C res
f = 1 MHz
Figure 14. Gate charge vs. gate-emitter voltage
IGBT160320161140GCGE
15
12
9
6
3
0
0
3
6
9
12
15
V GE
(V)
Q g (nC)
V CC = 520 V, I C = 4 A, I G = 1 mA
Figure 15. Switching energy vs. collector current
IGBT160320161145SLC
0.4
0.3
0.2
0.1
0
0
2
4
6
E
(mJ)
I C (A)
V CC = 400 V, R G = 47 Ω,
V GE = 15 V,
T j = 175 °C
E tot
E off
E on
Figure 16. Switching energy vs. gate resistance
IGBT170320161117SLG
0.5
0.4
0.3
0.2
0.1
0
0
100
200
300
400
E
(mJ)
R G (Ω)
V CC =400 V, I C = 4 A, V GE = 15 V,
T j = 175 °C
E tot
E off
E on
Figure 17. Switching energy vs. temperature
IGBT170320161118SLT
0.24
0.18
0.12
0.06
0
0
50
100
150
E
(mJ)
T J (°C)
V CC = 400 V, I C = 4 A, R G = 47 Ω,
V GE = 15 V
E tot
E off
E on
Figure 18. Switching energy vs. collector emitter voltage
IGBT160320161148SLV
0.3
0.2
0.1
0
150
250
350
450
E
(mJ)
V CE (V)
I C = 4 A, R G = 47 Ω, V GE = 15 V,
T j = 175 °C
E tot
E off
E on
STGD4M65DF2
STGD4M65DF2 electrical characteristics (curves)
DS11397 - Rev 5
page 7/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com