Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGD4M65DF2 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STGD4M65DF2
Description  Trench gate field-stop, 650 V, 4 A, M series low-loss IGBT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD4M65DF2 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STGD4M65DF2 Datasheet HTML 6Page - STMicroelectronics STGD4M65DF2 Datasheet HTML 7Page - STMicroelectronics STGD4M65DF2 Datasheet HTML 8Page - STMicroelectronics STGD4M65DF2 Datasheet HTML 9Page - STMicroelectronics STGD4M65DF2 Datasheet HTML 10Page - STMicroelectronics STGD4M65DF2 Datasheet HTML 11Page - STMicroelectronics STGD4M65DF2 Datasheet HTML 12Page - STMicroelectronics STGD4M65DF2 Datasheet HTML 13Page - STMicroelectronics STGD4M65DF2 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
3
Test circuits
Figure 28. Test circuit for inductive load switching
A
A
C
E
G
B
R
G
+
-
G
C
3.3
µF
1000
µF
L=100 µH
V
CC
E
D.U.T
B
AM01504v1
Figure 29. Gate charge test circuit
AM01505v1
k
k
k
k
k
k
Figure 30. Switching waveform
AM01506v1
90%
10%
90%
10%
VG
VCE
IC
Td(on)
Ton
Tr(Ion)
Td(off)
Toff
Tf
Tr(Voff)
Tcross
90%
10%
Figure 31. Diode reverse recovery waveform
25
STGD4M65DF2
Test circuits
DS11397 - Rev 5
page 10/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com