Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGD4M65DF2 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STGD4M65DF2
Description  Trench gate field-stop, 650 V, 4 A, M series low-loss IGBT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD4M65DF2 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STGD4M65DF2 Datasheet HTML 2Page - STMicroelectronics STGD4M65DF2 Datasheet HTML 3Page - STMicroelectronics STGD4M65DF2 Datasheet HTML 4Page - STMicroelectronics STGD4M65DF2 Datasheet HTML 5Page - STMicroelectronics STGD4M65DF2 Datasheet HTML 6Page - STMicroelectronics STGD4M65DF2 Datasheet HTML 7Page - STMicroelectronics STGD4M65DF2 Datasheet HTML 8Page - STMicroelectronics STGD4M65DF2 Datasheet HTML 9Page - STMicroelectronics STGD4M65DF2 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Figure 7. Collector current vs. switching frequency
IGBT160320161125CCS
12
10
8
6
4
2
0
10 0
10 1
10 2
IC
(A)
f (kHz)
Rectangular current shape
(duty cycle = 0.5, VCC = 400 V,
RG = 47 Ω,VGE = 0/15 V, Tj = 175 °C
TC = 80 °C
TC = 100 °C
Figure 8. Forward bias safe operating area
IGBT160320161133FSOA
10 1
10 0
10 -1
10 0
10 1
10 2
IC
(A)
VCE (V)
single pulse, TC = 25°C,
TJ ≤175 °C, VGE = 15 V
tp = 1 µs
tp = 10 µs
tp = 100 µs
tp = 1 ms
Figure 9. Transfer characteristics
IGBT170320161116TCH
12
8
4
0
6
7
8
9
10
11
12
I C
(A)
V GE (V)
V CE = 6 V
T j = 175 °C
T j = 25 °C
Figure 10. Diode VF vs. forward current
IGBT160320161134DVF
2.6
2.2
1.8
1.4
1.0
0.6
0.2
0
2
4
6
V F
(V)
I F (A)
T j = -40 °C
T j = 175 °C
T j = 25 °C
Figure 11. Normalized VGE(th) vs. junction temperature
IGBT160320161135NVGE
1.05
0.95
0.85
0.75
-50
0
50
100
150
V GE(th)
(Norm.)
T J (°C)
V CE = V GE , I C = 250 µA
Figure 12. Normalized V(BR)CES vs. junction temperature
IGBT160320161135NVBR
1.06
1.02
0.98
0.94
0.9
-50
0
50
100
150
V (BR)CES
(Norm.)
T J (°C)
I C = 250 μA
STGD4M65DF2
STGD4M65DF2 electrical characteristics (curves)
DS11397 - Rev 5
page 6/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com