Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3879 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3879
Description  Micropower 800mA Low Noise Ceramic Stable Voltage Regulator for Low Voltage Applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3879 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LP3879 Datasheet HTML 1Page - National Semiconductor (TI) LP3879 Datasheet HTML 2Page - National Semiconductor (TI) LP3879 Datasheet HTML 3Page - National Semiconductor (TI) LP3879 Datasheet HTML 4Page - National Semiconductor (TI) LP3879 Datasheet HTML 5Page - National Semiconductor (TI) LP3879 Datasheet HTML 6Page - National Semiconductor (TI) LP3879 Datasheet HTML 7Page - National Semiconductor (TI) LP3879 Datasheet HTML 8Page - National Semiconductor (TI) LP3879 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Connection Diagrams
8 Lead PSOP Package (MRA)
8 Lead LLP Surface Mount Package (SD)
20161330
Top View
See NS Package Number MRA08A
20161350
Top View
See NS Package Number SDC08A
Ordering Information
TABLE 1. Package Marking and Ordering Information
Output Voltage
Grade
Order Information
Supplied as:
1.00
STD
LP3879MR-1.0
95 Units per Rail
1.00
STD
LP3879MRX-1.0
2500 Units on Tape and Reel
1.00
STD
LP3879SD-1.0
1000 Units on Tape and Reel
1.00
STD
LP3879SDX-1.0
4500 Units on Tape and Reel
1.20
STD
LP3879MR-1.2
95 Units per Rail
1.20
STD
LP3879MRX-1.2
2500 Units on Tape and Reel
1.20
STD
LP3879SD-1.2
1000 Units on Tape and Reel
1.20
STD
LP3879SDX-1.2
4500 Units on Tape and Reel
Pin Descriptions
Pin
Name
Function
1
BYPASS
The capacitor connected between BYPASS and GROUND lowers
output noise voltage level and is required for loop stability.
2
N/C
DO NOT CONNECT. This pin is used for post package test and must
be left floating.
3
GROUND
Device ground.
4
INPUT
Input source voltage.
5
OUTPUT
Regulated output voltage.
6
SENSE
Remote Sense. Tie directly to output or remotely at point of load for
best regulation.
7
N/C
No internal connection.
8
SHUTDOWN
Output is enabled above turn-on threshold voltage. Pull down to turn off
regulator output.
PSOP, LLP
DAP
SUBSTRATE
GROUND
The exposed die attach pad should be connected to a thermal pad at
ground potential. For additional information on using National
Semiconductor’s Non Pull Back LLP package, please refer to LLP
application note AN-1187
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com