Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3879 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3879
Description  Micropower 800mA Low Noise Ceramic Stable Voltage Regulator for Low Voltage Applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3879 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP3879 Datasheet HTML 1Page - National Semiconductor (TI) LP3879 Datasheet HTML 2Page - National Semiconductor (TI) LP3879 Datasheet HTML 3Page - National Semiconductor (TI) LP3879 Datasheet HTML 4Page - National Semiconductor (TI) LP3879 Datasheet HTML 5Page - National Semiconductor (TI) LP3879 Datasheet HTML 6Page - National Semiconductor (TI) LP3879 Datasheet HTML 7Page - National Semiconductor (TI) LP3879 Datasheet HTML 8Page - National Semiconductor (TI) LP3879 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LP3879
Micropower 800mA Low Noise "Ceramic Stable" Voltage
Regulator for Low Voltage Applications
General Description
The LP3879 is a 800 mA fixed-output voltage regulator
designed to provide high performance and low noise in
applications requiring output voltages between 1.0V and
1.2V.
Using an optimized VIP(Vertically Integrated PNP) pro-
cess, the LP3879 delivers superior performance:
Ground Pin Current: Typically 5.5 mA @ 800 mA load, and
200 µA @ 100 µA load.
Low Power Shutdown: The LP3879 draws less than 10 µA
quiescent current when shutdown pin is pulled low.
Precision Output: Guaranteed output voltage accuracy is
1% at room temperature.
Low Noise: Broadband output noise is only 18 µV (typical)
with 10 nF bypass capacitor.
Features
n
Standard output voltage: 1.00V, 1.20V
n
Custom voltages available from 1.0V to 1.2V (50 mV
increments)
n
Input voltage: 2.5 to 6V
n
1% initial output accuracy
n
Designed for use with low ESR ceramic capacitors
n
Very low output noise
n
Sense option improves load regulation
n
8 Lead PSOP and LLP surface mount packages
n <
10 µA quiescent current in shutdown
n
Low ground pin current at all loads
n
High peak current capability
n
Over-temperature/over-current protection
n
-40˚C to +125˚C junction temperature range
Applications
n
ASIC Power Supplies In:
- Desktops, Notebooks and Graphic Cards
- Set Top Boxes, Printers and Copiers
n
DSP and FPGA Power Supplies
n
SMPS Post-Regulator
n
Medical Instrumentation
Basic Application Circuit
20161303
*Capacitance values shown are minimum required to assure stability. Larger output capacitor provides improved dynamic response. Output capacitor must
meet ESR requirements (see Application Information).
**The Shutdown pin must be actively terminated (see Application Information). Tie to INPUT (Pin 4) if not used.
VIPis a trademark of National Semiconductor Corporation.
June 2006
© 2006 National Semiconductor Corporation
DS201613
www.national.com


Similar Part No. - LP3879

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3879 TI-LP3879 Datasheet
1Mb / 18P
LP3879 Micropower 800mA Low Noise "Ceramic Stable" Voltage Regulator for Low
LP3879 TI2-LP3879 Datasheet
1Mb / 21P
LP3879 Micropower 800mA Low Noise "Ceramic Stable" Voltage Regulator for Low Voltage Applications
REVISED APRIL 2013
LP38798 TI-LP38798 Datasheet
2Mb / 23P
LP38798-ADJ High PSRR, Ultra Low Noise, 800 mA Linear Voltage Regulator for RF/Analog Circuits
LP38798SD-ADJ/NOPB TI-LP38798SD-ADJ/NOPB Datasheet
2Mb / 23P
LP38798-ADJ High PSRR, Ultra Low Noise, 800 mA Linear Voltage Regulator for RF/Analog Circuits
LP38798SDE-ADJ/NOPB TI-LP38798SDE-ADJ/NOPB Datasheet
2Mb / 23P
LP38798-ADJ High PSRR, Ultra Low Noise, 800 mA Linear Voltage Regulator for RF/Analog Circuits
More results

Similar Description - LP3879

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1117 ADMOS-AMS1117 Datasheet
66Kb / 7P
800mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1117 SIPEX-SPX1117 Datasheet
204Kb / 15P
800mA Low Dropout Voltage Regulator
logo
National Semiconductor ...
LP3878 NSC-LP3878 Datasheet
640Kb / 11P
Micropower 800mA Low Noise Ceramic Stable Voltage Regulator for Low Voltage Applications Designed for Use with Very Low ESR Output Capacitors
LP3878-ADJ NSC-LP3878-ADJ Datasheet
791Kb / 13P
Micropower 800mA Low Noise(Ceramic Stable) Adjustable Voltage Regulator for 1V to 5V Applications
logo
Advanced Monolithic Sys...
AMS2908 ADMOS-AMS2908_05 Datasheet
63Kb / 7P
800mA LOW DROPOUT VOLTAGE REGULATOR
logo
Exar Corporation
SPX1117M3-L-3.3 EXAR-SPX1117M3-L-3.3 Datasheet
749Kb / 11P
800mA Low Dropout Voltage Regulator
SPX1117M3-L-3-3-TR EXAR-SPX1117M3-L-3-3-TR Datasheet
749Kb / 11P
800mA Low Dropout Voltage Regulator
logo
Texas Instruments
LP3879MR-1.2 TI-LP3879MR-1.2 Datasheet
1Mb / 18P
LP3879 Micropower 800mA Low Noise "Ceramic Stable" Voltage Regulator for Low
LP3879MR-12 TI1-LP3879MR-12 Datasheet
1Mb / 18P
LP3879 Micropower 800mA Low Noise Ceramic Stable Voltage Regulator for Low Voltage Applications
logo
Exar Corporation
SPX1117 EXAR-SPX1117 Datasheet
749Kb / 11P
800mA Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com