Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3879 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3879
Description  Micropower 800mA Low Noise Ceramic Stable Voltage Regulator for Low Voltage Applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3879 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LP3879 Datasheet HTML 1Page - National Semiconductor (TI) LP3879 Datasheet HTML 2Page - National Semiconductor (TI) LP3879 Datasheet HTML 3Page - National Semiconductor (TI) LP3879 Datasheet HTML 4Page - National Semiconductor (TI) LP3879 Datasheet HTML 5Page - National Semiconductor (TI) LP3879 Datasheet HTML 6Page - National Semiconductor (TI) LP3879 Datasheet HTML 7Page - National Semiconductor (TI) LP3879 Datasheet HTML 8Page - National Semiconductor (TI) LP3879 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Electrical Characteristics (Continued)
Limits in standard typeface are for T
J = 25˚C, and limits in boldface type apply over the temperature range of -40˚C to 125˚C.
Limits are guaranteed through design, testing, or correlation. The limits are used to calculate National’s Average Outgoing
Quality Level (AOQL). Unless otherwise specified: V
IN = 3.0V, VOUT = 1V, IL = 1 mA, COUT = 10 µF, CIN = 4.7 µF, VS/D = 2V,
C
BYPASS =10nF.
Symbol
Parameter
Conditions
Min
(Note 6)
Typical
(Note 7)
Max
(Note 6)
Units
SHUTDOWN INPUT
V
S/D
S/D Input Voltage
V
H = Output ON
1.4
1.6
V
V
L = Output OFF
I
IN
≤ 10 µA
0.1
0.50
V
OUT
≤ 10 mV
I
IN
≤ 50 µA
0.6
I
S/D
S/D Input Current
V
S/D = 0
0.02
−1
µA
V
S/D =5V
5
15
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Electrical specifications do not apply when operating the
device outside of its rated operating conditions.
Note 2: ESD testing was performed using Human Body Model, a 100 pF capacitor discharged through a 1.5 k
Ω resistor.
Note 3: The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(MAX), the junction-to-ambient thermal resistance, θJ−A,
and the ambient temperature, TA. The maximum allowable power dissipation at any ambient temperature is calculated using:
The value of
θJ−A for the LLP (SD) and PSOP (MRA) packages are specifically dependent on PCB trace area, trace material, and the number of layers and thermal
vias. If a four layer board is used with maximum vias from the IC center to the heat dissipating copper layers, values of
θJ−A which can be obtained are approximately
60˚C/W for the PSOP-8 and 40˚C/W for the LLP-8 package. Exceeding the maximum allowable power dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown.
Note 4: If used in a dual-supply system where the regulator load is returned to a negative supply, the LP3879 output must be diode-clamped to ground.
Note 5: The output PNP structure contains a diode between the VIN and VOUT terminals that is normally reverse-biased. Forcing the output above the input will turn
on this diode and may induce a latch-up mode which can damage the part (see Application Hints).
Note 6: Limits are guaranteed through testing, statistical correlation, or design.
Note 7: Typical numbers reperesent the most likely norm for 25˚C operation.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com