Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3879 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3879
Description  Micropower 800mA Low Noise Ceramic Stable Voltage Regulator for Low Voltage Applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3879 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LP3879 Datasheet HTML 1Page - National Semiconductor (TI) LP3879 Datasheet HTML 2Page - National Semiconductor (TI) LP3879 Datasheet HTML 3Page - National Semiconductor (TI) LP3879 Datasheet HTML 4Page - National Semiconductor (TI) LP3879 Datasheet HTML 5Page - National Semiconductor (TI) LP3879 Datasheet HTML 6Page - National Semiconductor (TI) LP3879 Datasheet HTML 7Page - National Semiconductor (TI) LP3879 Datasheet HTML 8Page - National Semiconductor (TI) LP3879 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Storage Temperature Range
−65˚C to +150˚C
Operating Junction
Temperature
Range
-40˚C to +125˚C
Lead Temperature
(Soldering, 5
seconds)
260˚C
ESD Rating (Note 2)
2 kV
Shutdown Pin
1kV
Power Dissipation (Note 3)
Internally Limited
Input Supply Voltage (Survival)
−0.3V to +16V
Input Supply Voltage (Typical
Operating)
2.5V to +6V
SENSE Pin
−0.3V to +6V
Output Voltage (Survival) (Note 4)
−0.3V to +6V
I
OUT (Survival)
Short Circuit
Protected
Input-Output Voltage (Survival)
(Note 5)
−0.3V to +16V
Electrical Characteristics
Limits in standard typeface are for T
J = 25˚C, and limits in boldface type apply over the temperature range of -40˚C to 125˚C.
Limits are guaranteed through design, testing, or correlation. The limits are used to calculate National’s Average Outgoing
Quality Level (AOQL). Unless otherwise specified: V
IN = 3.0V, VOUT = 1V, IL = 1 mA, COUT = 10 µF, CIN = 4.7 µF, VS/D = 2V,
C
BYPASS =10nF.
Symbol
Parameter
Conditions
Min
(Note 6)
Typical
(Note 7)
Max
(Note 6)
Units
V
O
Output Voltage
Tolerance
-1.0
1.00
1.0
%V
nom
1mA
≤ I
L
≤ 800 mA
3.0V
≤ V
IN
≤ 6V
-2.0
-3.0
1.00
2.0
3.0
Output Voltage Line
Regulation
3.0V
≤ V
IN
≤ 6V
0.007
0.014
%/V
0.032
V
IN (min)
Minimum Input
Voltage Required
To Maintain Output
Regulation
I
L = 800 mA
V
OUT
≥ V
OUT(NOM) -1%
2.5
3.1
V
I
L = 800 mA
V
OUT
≥ V
OUT(NOM) -1%
0
≤ T
J
≤ 125˚C
2.5
2.8
I
L = 750 mA
V
OUT
≥ V
OUT(NOM) -1%
2.5
3.0
I
GND
Ground Pin Current
I
L = 100 µA
200
250
µA
275
I
L = 200 mA
1.5
2
mA
3.3
I
L = 800 mA
5.5
8.5
15
I
O(PK)
Peak Output
Current
V
OUT
≥ V
OUT(NOM) −5%
1200
mA
I
O(MAX)
Short Circuit
Current
R
L = 0 (Steady State)
1400
e
n
Output Noise
Voltage (RMS)
BW = 100 Hz to 100 kHz
C
BYPASS =10nF
18
µV(RMS)
Ripple Rejection
f=1kHz
60
dB
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com