Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3G4ISTR Datasheet(PDF) 6 Page - STMicroelectronics

Part # L3G4ISTR
Description  MEMS motion sensor: three-axis digital output gyroscope for gaming and OIS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3G4ISTR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L3G4ISTR Datasheet HTML 2Page - STMicroelectronics L3G4ISTR Datasheet HTML 3Page - STMicroelectronics L3G4ISTR Datasheet HTML 4Page - STMicroelectronics L3G4ISTR Datasheet HTML 5Page - STMicroelectronics L3G4ISTR Datasheet HTML 6Page - STMicroelectronics L3G4ISTR Datasheet HTML 7Page - STMicroelectronics L3G4ISTR Datasheet HTML 8Page - STMicroelectronics L3G4ISTR Datasheet HTML 9Page - STMicroelectronics L3G4ISTR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Block diagram and pin description
L3G4IS
6/24
Doc ID 022612 Rev 1
Table 2.
Pin description
Pin#
Name
Function
1
Vdd_IO_SPI
Power supply for I/O pins of the PSPI interface
2SCL
I2C serial clock (SCL)
3SDA
I2C serial data (SDA)
4
GND
0 V power supply
5
Reserved
Leave unconnected
6
DRDY
Data ready signal (open drain pad)
7
INT
Programmable interrupt (open drain pad)
8
Reserved
Leave unconnected
9
Reserved
Leave unconnected
10
SDI/SDO_OIS
Data-in, data-out line for SPI interface
11
SCL_OIS
Clock line for SPI interface
12
CS_OIS
SPI chip select line
13
Reg
Capacitance connection pin for internal regulator
14
Cap
Capacitance connection pin for internal charge pump
15
HAVdd
Power supply for OIS mode
16
AVdd
Power supply for user interface mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com