Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3G4ISTR Datasheet(PDF) 17 Page - STMicroelectronics

Part # L3G4ISTR
Description  MEMS motion sensor: three-axis digital output gyroscope for gaming and OIS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3G4ISTR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L3G4ISTR Datasheet HTML 13Page - STMicroelectronics L3G4ISTR Datasheet HTML 14Page - STMicroelectronics L3G4ISTR Datasheet HTML 15Page - STMicroelectronics L3G4ISTR Datasheet HTML 16Page - STMicroelectronics L3G4ISTR Datasheet HTML 17Page - STMicroelectronics L3G4ISTR Datasheet HTML 18Page - STMicroelectronics L3G4ISTR Datasheet HTML 19Page - STMicroelectronics L3G4ISTR Datasheet HTML 20Page - STMicroelectronics L3G4ISTR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
L3G4IS
Application hints
Doc ID 022612 Rev 1
17/24
Power supply decoupling capacitors (100 pF + 1 µF) should be placed as near as possible
to the device (common design practice). Pull-up resistors must be added to I2C SDA and
SCL lines and to INT and DRDY lines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com