Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3G4ISTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # L3G4ISTR
Description  MEMS motion sensor: three-axis digital output gyroscope for gaming and OIS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3G4ISTR Datasheet(HTML) 1 Page - STMicroelectronics

  L3G4ISTR Datasheet HTML 1Page - STMicroelectronics L3G4ISTR Datasheet HTML 2Page - STMicroelectronics L3G4ISTR Datasheet HTML 3Page - STMicroelectronics L3G4ISTR Datasheet HTML 4Page - STMicroelectronics L3G4ISTR Datasheet HTML 5Page - STMicroelectronics L3G4ISTR Datasheet HTML 6Page - STMicroelectronics L3G4ISTR Datasheet HTML 7Page - STMicroelectronics L3G4ISTR Datasheet HTML 8Page - STMicroelectronics L3G4ISTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Preliminary data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
December 2011
Doc ID 022612 Rev 1
1/24
24
L3G4IS
MEMS motion sensor:
three-axis digital output gyroscope for gaming and OIS
Features
■ Three selectable full-scales (250/500/2000
dps) for gaming applications
■ ± 65 dps full-scale for OIS applications
■ Independent I2C and SPI digital interfaces
■ Embedded temperature sensor
■ Integrated low- and high-pass filters with user-
selectable bandwidth
■ Wide supply voltage range: 2.4 V to 3.6 V
■ Low voltage-compatible IOs (1.8 V)
■ Power-down and sleep mode for smart power
saving
■ Embedded FIFO (first-in first-out buffer)
■ ECOPACK
® RoHS and “Green” compliant
Applications
■ Gaming and virtual reality input devices
■ Optical image stabilization
■ Motion control and gesture recognition
■ GPS navigation systems
Description
The L3G4IS is the first three-axis MEMS
gyroscope that enables both user interface and
image stabilization applications at the same time.
Thanks to two different independent reading
chains and digital interfaces, the L3G4IS delivers
previously unseen levels of flexibility to the end
user.
Each reading chain and the corresponding full-
scale can be activated by powering two separate
pins, the internal ASIC blocks automatically detect
and enable the selected device configuration.
The unique sensing element is manufactured
using a dedicated micro-machining process
developed by STMicroelectronics to produce
inertial sensors and actuators on silicon wafers.
The L3G4IS is available in a plastic land grid array
(LGA) package and can operate within a
temperature range of -30 °C to +85 °C.
LGA-16 (4x4x1 mm)
Table 1.
Device summary
Order code
Temperature range (°C)
Package
Packing
L3G4IS
-30 to +85
LGA-16 (4x4x1)
Tray
L3G4ISTR
-30 to +85
LGA-16 (4x4x1)
Tape and reel
www.st.com


Similar Part No. - L3G4ISTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L3G4200D STMICROELECTRONICS-L3G4200D Datasheet
1Mb / 42P
MEMS motion sensor: ultra-stable three-axis digital output gyroscope
22-Dec-2010
L3G4200D STMICROELECTRONICS-L3G4200D Datasheet
1Mb / 42P
MEMS motion sensor: ultra-stable three-axis digital output gyroscope
22-Dec-2010
L3G4200D STMICROELECTRONICS-L3G4200D Datasheet
810Kb / 24P
MEMS motion sensor: three-axis digital output gyroscope
11-Feb-2010
L3G4200DTR STMICROELECTRONICS-L3G4200DTR Datasheet
1Mb / 42P
MEMS motion sensor: ultra-stable three-axis digital output gyroscope
22-Dec-2010
L3G4200DTR STMICROELECTRONICS-L3G4200DTR Datasheet
810Kb / 24P
MEMS motion sensor: three-axis digital output gyroscope
11-Feb-2010
More results

Similar Description - L3G4ISTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L3G4200D STMICROELECTRONICS-L3G4200D Datasheet
810Kb / 24P
MEMS motion sensor: three-axis digital output gyroscope
11-Feb-2010
LPY550AL STMICROELECTRONICS-LPY550AL Datasheet
227Kb / 12P
MEMS motion sensor: dual axis pitch and yaw ±500°/s analog output gyroscope
06-Jul-2009
L3G4200D_1012 STMICROELECTRONICS-L3G4200D_1012 Datasheet
1Mb / 42P
MEMS motion sensor: ultra-stable three-axis digital output gyroscope
22-Dec-2010
L3GD20 STMICROELECTRONICS-L3GD20 Datasheet
1Mb / 44P
MEMS motion sensor: three-axis digital output gyroscope
18-Aug-2011
A3G4250DTR STMICROELECTRONICS-A3G4250DTR Datasheet
1Mb / 44P
MEMS motion sensor: 3-axis digital output gyroscope
14-Feb-2012
L2G3IS STMICROELECTRONICS-L2G3IS Datasheet
696Kb / 26P
MEMS motion sensor: two-axis digital output gyroscope for optical image stabilization
05-Dec-2013
L3GD20H STMICROELECTRONICS-L3GD20H Datasheet
2Mb / 52P
MEMS motion sensor: three-axis digital output gyroscope
05-Mar-2013
logo
TDK Electronics
IDG-2030U TDK-IDG-2030U Datasheet
293Kb / 1P
Miniature Dual-Axis OIS Optimized MEMS Gyroscope
ICG-1020S TDK-ICG-1020S Datasheet
316Kb / 1P
Thinnest Dual-Axis OIS Optimized MEMS Gyroscope
logo
STMicroelectronics
LIS3DHH STMICROELECTRONICS-LIS3DHH Datasheet
641Kb / 29P
MEMS motion sensor three-axis digital output accelerometer
11-Oct-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com