Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3G4ISTR Datasheet(PDF) 13 Page - STMicroelectronics

Part # L3G4ISTR
Description  MEMS motion sensor: three-axis digital output gyroscope for gaming and OIS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3G4ISTR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L3G4ISTR Datasheet HTML 9Page - STMicroelectronics L3G4ISTR Datasheet HTML 10Page - STMicroelectronics L3G4ISTR Datasheet HTML 11Page - STMicroelectronics L3G4ISTR Datasheet HTML 12Page - STMicroelectronics L3G4ISTR Datasheet HTML 13Page - STMicroelectronics L3G4ISTR Datasheet HTML 14Page - STMicroelectronics L3G4ISTR Datasheet HTML 15Page - STMicroelectronics L3G4ISTR Datasheet HTML 16Page - STMicroelectronics L3G4ISTR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
L3G4IS
Image stabilization (OIS mode) specifications
Doc ID 022612 Rev 1
13/24
5
Image stabilization (OIS mode) specifications
5.1
Mechanical characteristics
@ HAVdd = 3.3 V, T = 25 °C unless otherwise noted(d).
d.
The product is factory calibrated at 3.3 V. The operational power supply range is specified in Table 5.
Table 8.
Mechanical characteristics
Symbol
Parameter
Test condition
Min.
Typ.(1)
Max.
Unit
FS
Measurement range
±65
dps
So
Sensitivity
±225
LSb/dps
SoDr
Sensitivity change vs.
temperature
From -30 °C to +85 °C
±5
%
DVoff
Digital zero-rate level
High pass filter disabled
±75
dps
High pass filter enabled
±20
OffDr
Zero-rate level change
vs. temperature
High pass filter disabled
±25
dps
High pass filter enabled
±10
NL
Non linearity(2)
Best fit straight line
±1
% FS
Rn
Rate noise density(2)
0.008
BW
Internal bandwidth
LPF0 set to ‘1’
370
Hz
PhDl
Phase delay
At 20 Hz (370 Hz BW
selected)
4.5
deg
ODR
Digital output data rate
9.5
kHz
Top
Operating temperature
range
-30
+85
°C
1.
Typical specifications are not guaranteed.
2.
Guaranteed by design.
dps
Hz
(
⁄



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com