Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2001DIE2 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STE2001DIE2
Description  65 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2001DIE2 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STE2001DIE2 Datasheet HTML 9Page - STMicroelectronics STE2001DIE2 Datasheet HTML 10Page - STMicroelectronics STE2001DIE2 Datasheet HTML 11Page - STMicroelectronics STE2001DIE2 Datasheet HTML 12Page - STMicroelectronics STE2001DIE2 Datasheet HTML 13Page - STMicroelectronics STE2001DIE2 Datasheet HTML 14Page - STMicroelectronics STE2001DIE2 Datasheet HTML 15Page - STMicroelectronics STE2001DIE2 Datasheet HTML 16Page - STMicroelectronics STE2001DIE2 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
13/36
STE2001
thus providing an 1/(n+4) ratio, with n calculated from:
For m = 65, n = 5 and an 1/9 ratio is set.
For m = 33, n =3 and an 1/7 ratio is set.
The STE2001 provides three bits (BS0, BS1, BS2) for programming the desired Bias Ratio as shown below:
The following table Bias Level for m = 65 and m = 33 are provided:
LCD Voltage Generation
The LCD Voltage at reference temperature (To = 35
°C) can be set using the VOP register content according to
the following formula:
VLCD(T=To) = VLCDo = (Ai+VOP · B)
(i=0,1)
with the following values:
Note that the two PRS value produces two adjacent ranges for VLCD. If the register and PRS bit are set to zero
BS2
BS1
BS0
n
0007
0016
0105
0114
1003
1012
1101
1110
Symbol
m = 65 (1/9)
m = 33 (1/7)
V1
VLCD
VLCD
V2
8/9*VLCD
6/7* VLCD
V3
7/9*VLCD
5/7* VLCD
V4
2/9*V VLCD
2/7* VLCD
V5
1/9 *VLCD
1/7* VLCD
V6
VSS
VSS
Symbol
Value
Unit
Note
Ao
2.90
V
PRS = 0
A1
6.91
V
PRS = 1
B
0.034
V
To
35
°C
nm
3
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com