Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2001DIE2 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STE2001DIE2
Description  65 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2001DIE2 Datasheet(HTML) 2 Page - STMicroelectronics

  STE2001DIE2 Datasheet HTML 1Page - STMicroelectronics STE2001DIE2 Datasheet HTML 2Page - STMicroelectronics STE2001DIE2 Datasheet HTML 3Page - STMicroelectronics STE2001DIE2 Datasheet HTML 4Page - STMicroelectronics STE2001DIE2 Datasheet HTML 5Page - STMicroelectronics STE2001DIE2 Datasheet HTML 6Page - STMicroelectronics STE2001DIE2 Datasheet HTML 7Page - STMicroelectronics STE2001DIE2 Datasheet HTML 8Page - STMicroelectronics STE2001DIE2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
STE2001
2/36
PIN DESCRIPTION
N
°
Pad
Type
Function
R0 to R64
1 to 16
145 to 177
257 to 272
O
LCD Row Driver Output
C0 to C127
17 to 144
O
LCD Column Driver Output
VSS1,2
227 to 238
GND
Ground pads. VSS1 is GND for VDD1,VSS2 for VDD2 and VDD3
VDD1
186 to 191
Supply
IC Positive Power Supply
VDD2,3
192 to 201
Supply
Internal Generator Supply Voltages.
VLCDIN
246 to 251
Supply
LCD Supply Voltages for the Column and Row Output Drivers.
VLCDOUT
239 to 244
Supply
Voltage Multiplier Ouput
VLCDSENSE
245
Supply
Voltage Multiplier Regulation Input. VLCDOUT Sensing for Output Voltage Fine
Tuning
SEL1,2
183, 184
I
Interface Mode Selection
SDA_IN
223
I
I2C Bus Data In
SDA_OUT
222
O
I2C Bus Data Out
SCL
224
I
I2C bus Clock
SA0
225
I
I2C Slave Address LSB
OSC
185
I
External Oscillator Input
RES
221
I
Reset Input. Active Low.
DB0 to
DB7
211 to 218
I
Parallel Interface 8 Bit Data Bus
E
220
I
Parallel Interface Data Latch Signal. Data are Latched on the Falling EDGE.
PD/C
219
I
Parallel Interface Data/Command Selector
SDIN
207
I
Serial Interface Data Input
SCLK
210
I
Serial Interface Clock
SCE
209
I
Serial Interface ENABLE. When Low the Incoming Data are Clocked In.
SD/C
208
I
Serial Interface Data/Command selection
BSYFLG
206
O
Active Procedure Flag. Notice if There is an ongoing Internal Operation. Active
Low.
T1 to T13
178 to 181
202 to 205
226
252 to 256
I/O
Test Pads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com