Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2001DIE2 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STE2001DIE2
Description  65 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2001DIE2 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STE2001DIE2 Datasheet HTML 10Page - STMicroelectronics STE2001DIE2 Datasheet HTML 11Page - STMicroelectronics STE2001DIE2 Datasheet HTML 12Page - STMicroelectronics STE2001DIE2 Datasheet HTML 13Page - STMicroelectronics STE2001DIE2 Datasheet HTML 14Page - STMicroelectronics STE2001DIE2 Datasheet HTML 15Page - STMicroelectronics STE2001DIE2 Datasheet HTML 16Page - STMicroelectronics STE2001DIE2 Datasheet HTML 17Page - STMicroelectronics STE2001DIE2 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
STE2001
14/36
the internal voltage generator is switched off.
The proper value for the VLCD is a function of the Liquid Crystal Threshold Voltage (Vth) and of the Multiplexing
Rate. A general expression for this is:
For MUX Rate m = 65 the ideal VLCD is:
VLCD(to) = 6.85 · Vth
than:
Temperature Coefficient
As the viscosity, and therefore the contrast, of the LCD are subject to change with temperature, there’s the need
to vary the LCD Voltage with temperature. The STE2001 provides the possibility to change the VLCD in a linear
fashion against temperature with four different Temperature Coefficient selectable through the TC0 and TC1
bits.
Figure 14. VLCD Slopes Cross Point with Different TC
TC1
TC0
Value
Unit
0
0
-550
PPM/
°C
0
1
-1350
PPM/
°C
1
0
-1650
PPM/
°C
1
1
-2650
PPM/
°C
V
LCD
1m
+
21
1
m
---------
–


⋅
------------------------------------ V
th
⋅
=
V
op
6.85 V
th
A
i
–
⋅
()
0.03
-----------------------------------------
=
35ºC
TEMP
D01IN1256/mod
VLCD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com