Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2001DIE2 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STE2001DIE2
Description  65 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2001DIE2 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STE2001DIE2 Datasheet HTML 26Page - STMicroelectronics STE2001DIE2 Datasheet HTML 27Page - STMicroelectronics STE2001DIE2 Datasheet HTML 28Page - STMicroelectronics STE2001DIE2 Datasheet HTML 29Page - STMicroelectronics STE2001DIE2 Datasheet HTML 30Page - STMicroelectronics STE2001DIE2 Datasheet HTML 31Page - STMicroelectronics STE2001DIE2 Datasheet HTML 32Page - STMicroelectronics STE2001DIE2 Datasheet HTML 33Page - STMicroelectronics STE2001DIE2 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
STE2001
30/36
Figure 37. DATA RAM to display Mapping
Table 7. Test Pin Configuration
Test Numb.
Pin
TEST_0
TEST_1
TEST_2
TEST_3
GND
GND
GND
GND
TEST_4
TEST_5
TEST_6
TEST_7
OPEN
OPEN
OPEN
OPEN
T8
T9
OPEN
OPEN
TEST_10
TEST_11
TEST_12
TEST_13
OPEN
OPEN
OPEN
OPEN
GLASS
TOP VIEW
DISPLAY DATA RAM
ICOR ROW
LCD
DISPLAY DATA RAM = ”0”
DISPLAY DATA RAM = ”1”
bank
0
bank
1
bank
2
bank
3
bank
7
bank
8
D00IN1155



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com