Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5049BCCZN-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADRF5049BCCZN-R7
Description  Silicon SP4T Switch, Nonreflective, 9 kHz to 45 GHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5049BCCZN-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADRF5049BCCZN-R7 Datasheet HTML 1Page - Analog Devices ADRF5049BCCZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5049BCCZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5049BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5049BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5049BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5049BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5049BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5049BCCZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Data Sheet
ADRF5049
SPECIFICATIONS
analog.com
Rev. 0 | 3 of 14
Positive supply voltages (VDD) = 3.3 V, negative supply voltage (VSS) = −3.3 V, Control Input 1 voltage (V1) = 0 V or 3.3 V, Control Input 2
voltage (V2) = 0 V or 3.3 V, TA = 25°C, and it is a 50 Ω system, unless otherwise noted. VCTRL is the voltages of the digital control inputs, V1 and
V2.
Table 1. Specifications
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE, f
0.009
45000
MHz
INSERTION LOSS
Between RFC and RF1 to RF4 (On)
9 kHz to 18 GHz
1.3
dB
18 GHz to 26 GHz
1.5
dB
26 GHz to 35 GHz
1.8
dB
35 GHz to 40 GHz
2.2
dB
40 GHz to 45 GHz
3.3
dB
ISOLATION
Between RFC and RF1 to RF4 (Off)
9 kHz to 18 GHz
44
dB
18 GHz to 26 GHz
42
dB
26 GHz to 35 GHz
42
dB
35 GHz to 40 GHz
40
dB
40 GHz to 45 GHz
35
dB
RETURN LOSS
RFC and RF1 to RF4 (On)
9 kHz to 18 GHz
18
dB
18 GHz to 26 GHz
19
dB
26 GHz to 35 GHz
17
dB
35 GHz to 40 GHz
18
dB
40 GHz to 45 GHz
13
dB
RF1 to RF4 (Off)
9 kHz to 18 GHz
20
dB
18 GHz to 26 GHz
17
dB
26 GHz to 35 GHz
14
dB
35 GHz to 40 GHz
13
dB
40 GHz to 45 GHz
12
dB
SWITCHING
Rise and Fall Time (tRISE, tFALL)
90% to 10% of RF output (RFOUT)
1.2
μs
On and Off Time (tON, tOFF)
50% VCTRL to 10% to 90% of RFOUT
2.7
µs
0.1 dB RF Settling Time
50% VCTRL to 0.1 dB of final RFOUT
3.4
µs
INPUT LINEARITY
0.1 dB Power Compression (P0.1dB)
f = 1 MHz to 40 GHz
>30
dBm
Third-Order Intercept (IP3)
Two-tone input power = 14 dBm continuous wave per tone, f = 1 MHz
to 40 GHz, Δf = 1 MHz
50
dBm
SUPPLY CURRENT
VDD and VSS pins
Positive Supply Current (IDD)
150
μA
Negative Supply Current (ISS)
520
μA
DIGITAL CONTROL INPUTS
Voltage
Low (VINL)
0
0.8
V
High (VINH)
1.2
3.45
V
Current
Low (IINL)
<1
μA
High (IINH)
V1 and V2 pins
<1
μA
EN and LS pins
33
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com