Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5049BCCZN-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADRF5049BCCZN-R7
Description  Silicon SP4T Switch, Nonreflective, 9 kHz to 45 GHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5049BCCZN-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADRF5049BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5049BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5049BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5049BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5049BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5049BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5049BCCZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5049BCCZN-R7 Datasheet HTML 13Page - Analog Devices ADRF5049BCCZN-R7 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Data Sheet
ADRF5049
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 10 of 14
Figure 14. RFC to RF1, RF2, and RF4 Isolation vs. Frequency, RF3 Selected
Figure 15. Channel to Channel Isolation vs. Frequency, RFC to RF1 Path
Selected
Figure 16. Channel to Channel Isolation vs. Frequency, RFC to RF3 Path
Selected
Figure 17. RFC to RF1, RF2, RF3 Isolation vs. Frequency, RF4 Selected
Figure 18. Channel to Channel Isolation vs. Frequency, RFC to RF2 Path
Selected
Figure 19. Channel to Channel Isolation vs. Frequency, RFC to RF4 Path
Selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com