Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5049BCCZN-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADRF5049BCCZN-R7
Description  Silicon SP4T Switch, Nonreflective, 9 kHz to 45 GHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5049BCCZN-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADRF5049BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5049BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5049BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5049BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5049BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5049BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5049BCCZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5049BCCZN-R7 Datasheet HTML 13Page - Analog Devices ADRF5049BCCZN-R7 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Data Sheet
ADRF5049
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 13 of 14
The ADRF5049 has two power supply pins (VDD and VSS) and
four control pins (V1, V2, LS, and EN). Figure 24 shows the exter-
nal components and connections for the supply and control pins.
The VDD pin and the VSS pin are decoupled with 100 pF multilayer
ceramic capacitor. The ADRF5049 pinout allows the placement of
the decoupling capacitors close to the device. No other external
components are needed for bias and operation, except DC blocking
capacitors on the RFx pins when the RF lines are biased at a
voltage different than 0 V. Refer to Pin Configuration and Function
Descriptions section for further details.
Figure 24. Recommended Schematic
RECOMMENDATIONS FOR PCB DESIGN
The RF ports are matched to 50 Ω internally and the pinout is
designed to mate a coplanar waveguide (CPWG) with 50 Ω charac-
teristic impedance on the PCB. Figure 25 shows the referenced
CPWG RF trace design for an RF substrate with 8 mil thick Rogers
RO4003 dielectric material. RF trace with 14 mil width and 7 mil
clearance is recommended for 2.2 mil finished copper thickness.
Figure 25. Example PCB Stack-Up
Figure 26 shows the routing of the RF traces, supply, and control
signals from the ADRF5049. The ground planes are connected with
as many filled, through vias as allowed for optimal RF and thermal
performance. The primary thermal path for the ADRF5049 is the
bottom side.
Figure 26. PCB Routings
Figure 27 shows the recommended layout from the device RFx
pins to the 50 Ω CPWG on the referenced stack-up. PCB pads are
drawn 1:1 to the device pads. The ground pads are drawn solder
mask defined, and the signal pads are drawn as pad defined. The
RF trace from the PCB pad is extended with the same width till
the package edge and tapered to the RF trace with a 45° angle.
The paste mask is also designed to match the pad without any
aperture reduction. The paste is divided into multiple openings for
the paddle.
Figure 27. Recommended RF Pin Transitions
For alternate PCB stack-ups with different dielectric thickness and
CPWG design, contact Analog Devices, Inc., Technical Support
Request for further recommendations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com