Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5049BCCZN-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADRF5049BCCZN-R7
Description  Silicon SP4T Switch, Nonreflective, 9 kHz to 45 GHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5049BCCZN-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADRF5049BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5049BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5049BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5049BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5049BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5049BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5049BCCZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5049BCCZN-R7 Datasheet HTML 13Page - Analog Devices ADRF5049BCCZN-R7 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
Data Sheet
ADRF5049
OUTLINE DIMENSIONS
©2023 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
Rev. 0 | 14 of 14
3.10
3.00 SQ
2.90
TOP VIEW
BOTTOM VIEW
SIDE VIEW
1
7
12
8
13
19
20
24
0.40
BSC
0.70
REF
2.40
REF
1.60
REF
0.25
0.20
0.17
0.288
0.248
0.208
0.560
0.530
0.500
1.60
1.50 SQ
1.40
0.848
0.778
0.708
0.325
0.275
0.225
EXPOSED
PAD
SEATING
PLANE
PIN 1
INDICATOR
AREA
PIN 1
INDICATOR
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
Figure 28. 24-Terminal Land Grid Array [LGA]
3 mm × 3 mm Body and 0.780 mm Package Height
(CC-24-14)
Dimensions shown in millimeters
Updated: February 04, 2023
ORDERING GUIDE
Model1
Temperature Range
Package Description
Packing Quantity
Package
Option
ADRF5049BCCZN
−40°C to +105°C
24-Terminal LGA (3 mm x 3 mm x 0.828 mm)
Reel, 500
CC-24-14
ADRF5049BCCZN-R7
−40°C to +105°C
24-Terminal LGA (3 mm x 3 mm x 0.828 mm)
Reel, 500
CC-24-14
1 Z = RoHS Compliant Part.
EVALUATION BOARDS
Model1
Description
ADRF5049-EVALZ
Evaluation Board
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com