Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMM5063 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MMM5063
Description  Tri-Band GSM GPRS 3.5 V Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMM5063 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MMM5063 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 9Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 10Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 11Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ARCHIVED BY FREESCALE SEMICONDUCTOR, INC. 2005
8
MMM5063 Advance Information
MOTOROLA
Typical Performance Characteristics
2.3 PCS
Figure 11. Output Power versus Frequency
Figure 12. Power Added Efficiency
versus Frequency
Figure 13. Second Harmonic Output
versus Frequency
Figure 14. Third Harmonic Output
versus Frequency
34.8
1850
f, FREQUENCY (MHz)
1865
1895
1910
34.2
33.8
33.6
33.4
33.2
33
V
GSM1,2,3 = 3.5 V
V
dB = 3.5 V
V
apc = 2.2 V
25°C
T
A = -35° C
85°C
34.6
1880
34
34.4
46
1850
f, FREQUENCY (MHz)
1865
1880
1910
44
42
40
38
36
V
GSM1,2,3 = 3.5 V
V
dB = 3.5 V
V
apc = 2.2 V
25°C
T
A = -35° C
85°C
1895
V
GSM1,2,3 = 3.5 V
V
dB = 3.5 V
V
apc = 2.2 V
70
1850
f, FREQUENCY (MHz)
1865
1880
1910
69
68
67
66
65
64
25°C
T
A = 85° C
-35°C
1895
V
GSM1,2,3 = 3.5 V
V
dB = 3.5 V
V
apc = 2.2 V
59
1850
f, FREQUENCY (MHz)
1865
1880
1910
53
52
51
50
49
25°C
T
A = -35° C
85°C
54
1895
55
56
57
58
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com