Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMM5063 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MMM5063
Description  Tri-Band GSM GPRS 3.5 V Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMM5063 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MMM5063 Datasheet HTML 1Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
ARCHIVED BY FREESCALE SEMICONDUCTOR, INC. 2005
MMM5063
Ordering Information
Device
Device Marking
Package
MMM5063
See Figure 25
Module
Package Information
Plastic Package
Case 1383
(Module, 7x7 mm)
(Scale 1:1)
This document contains information on a pre-production product. Specifications and Pre-production information
herein are subject to change without notice. © Motorola, Inc., 2003. All rights reserved.
The MMM5063 is a tri-band single supply RF Power Amplifier for GSM900/DCS1800/
PCS1900 GPRS handheld radios. This fully integrated Power Amplifier uses a patented
concept to realize the 50
Ω matching on-chip through integration of passives on the GaAs
die. This allows module functionality in a very small 7 x 7 mm package and achieves best-in-
class Power Amplifier performance and multi-band capability.
Applications:
•
Tri-Band GSM900 DCS1800 and PCS1900
•
Guaranteed for 25% Duty Cycle
Features:
•
Single Supply Enhancement Mode GaAs MESFET Technology
•
Internal 50
Ω Input/Output Matching
•
High Gain Three Stage Amplifier Design
•
Typical 3.5 V Characteristics:
Pout = 35.2 dBm, PAE = 53% for GSM
Pout = 33.8 dBm, PAE = 44% for DCS
Pout = 34 dBm, PAE = 43% for PCS
•
Optimized and Guaranteed for Open-Loop Power Control Applications
•
Small 7 x 7 mm Package
Advance Information
MMM5063/D
Rev. 0.2, 09/2003
Tri-Band GSM GPRS
3.5 V Power Amplifier
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MMM5063

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMM5062 FREESCALE-MMM5062 Datasheet
1Mb / 22P
Quad-Band GSM GPRS 3.5 V Power Amplifier
More results

Similar Description - MMM5063

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RMPA1850 FAIRCHILD-RMPA1850 Datasheet
120Kb / 9P
Quad Band GSM/GPRS Power Amplifier Module
logo
National Semiconductor ...
LMV242 NSC-LMV242 Datasheet
560Kb / 16P
Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
logo
Skyworks Solutions Inc.
SKY77336 SKYWORKS-SKY77336 Datasheet
66Kb / 2P
Power Amplifier Module for Quad-Band GSM/GPRS/EDGE
logo
Freescale Semiconductor...
MMM5062 FREESCALE-MMM5062 Datasheet
1Mb / 22P
Quad-Band GSM GPRS 3.5 V Power Amplifier
logo
ANADIGICS, Inc
AWE6159R ANADIGICS-AWE6159R Datasheet
734Kb / 16P
Quad-band GSM/GPRS/EDGE Power Amplifier Module
logo
Skyworks Solutions Inc.
SKY77354 SKYWORKS-SKY77354 Datasheet
441Kb / 2P
SKY77354 POWER AMPLIFIER MODULE FOR QUAD-BAND GSM / GPRS / EDGE
logo
Texas Instruments
LMV242 TI-LMV242_15 Datasheet
1,009Kb / 25P
LMV242 Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
logo
Skyworks Solutions Inc.
SKY77350-13 SKYWORKS-SKY77350-13 Datasheet
429Kb / 2P
Power Amplifier Module for Quad-Band GSM/GPRS
SKY77354 SKYWORKS-SKY77354_13 Datasheet
77Kb / 2P
Power Amplifier Module for Quad-Band GSM / GPRS / EDGE
SKY77365 SKYWORKS-SKY77365 Datasheet
80Kb / 2P
Power Amplifier Module for Quad-Band GSM / GPRS / EDGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com