Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMM5063 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MMM5063
Description  Tri-Band GSM GPRS 3.5 V Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMM5063 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MMM5063 Datasheet HTML 1Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ARCHIVED BY FREESCALE SEMICONDUCTOR, INC. 2005
2
MMM5063 Advance Information
MOTOROLA
Electrical Specifications
Figure 1. Simplified Block Diagram
1 Electrical Specifications
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Supply Voltage
VGSM1,2,3,
VDCS1,2,3, VdB
6.0
V
RF Input Power
GSM IN,
DCS/PCS IN
11
dBm
RF Output Power
GSM Section
DCS/PCS Section
GSM OUT
DCS/PCS OUT
38
36
dBm
Operating Case Temperature Range
TC
-35 to 100
°C
Storage Temperature Range
Tstg
-55 to 150
°C
Die Temperature
TJ
150
°C
NOTES: 1. Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the limits in the Electrical Characteristics
or Recommended Operating Conditions tables.
2. ESD (electrostatic discharge) immunity meets Human Body Model (HBM)
≤150 V and
Machine Model (MM)
≤50 V. Additional ESD data available upon request.
3. Meets Moisture Sensitivity Level (MSL) 3. See Figure 25 on page 17 for additional details.
DCS/PCS AMP
GSM AMP
DCS/PCS Out
GSM Out
DCS/PCS In
GSM In
V
DCS1
V
reg
V
GSM1
V
BS
V
apc
V
DCS2
V
DCS3
V
GSM2
V
GSM3
V
dB
This device contains 26 active transistors.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com