Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMM5063 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MMM5063
Description  Tri-Band GSM GPRS 3.5 V Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMM5063 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MMM5063 Datasheet HTML 9Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 10Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 11Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 12Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 13Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 14Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 15Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 16Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ARCHIVED BY FREESCALE SEMICONDUCTOR, INC. 2005
Application Information
MOTOROLA
MMM5063 Advance Information
13
Figure 21. PA Evaluation Circuit
DCS/PCS
Out
GSM
Out
C7 22 pF
C10 47 pF
C17
3.9 pF
C5
220 pF
C14
10 nF
C3 N/C
C4 N/C
C8 22 pF
C15 10 nF
C13 N/C
GSM In
V
GSM1
V
GSM2
V
GSM3
DCS/PCS Out
V
dB
V
reg
C11
1.0 nF
C2
330 pF
C6
N/C
C1
N/C
NOTE: N/C = No Connect, Do not mount.
GSM
In
DCS/PCS
In
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com