Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6645/PCB Datasheet(PDF) 1 Page - Analog Devices

Part # AD6645/PCB
Description  14-Bit, 80 MSPS A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6645/PCB Datasheet(HTML) 1 Page - Analog Devices

  AD6645/PCB Datasheet HTML 1Page - Analog Devices AD6645/PCB Datasheet HTML 2Page - Analog Devices AD6645/PCB Datasheet HTML 3Page - Analog Devices AD6645/PCB Datasheet HTML 4Page - Analog Devices AD6645/PCB Datasheet HTML 5Page - Analog Devices AD6645/PCB Datasheet HTML 6Page - Analog Devices AD6645/PCB Datasheet HTML 7Page - Analog Devices AD6645/PCB Datasheet HTML 8Page - Analog Devices AD6645/PCB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
a
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
AD6645
14-Bit, 80 MSPS
A/D Converter
REV. 0
FEATURES
80 MSPS Guaranteed Sample Rate
SNR = 75 dB, fIN 15 MHz @ 80 MSPS
SNR = 72 dB, fIN 200 MHz @ 80 MSPS
SFDR = 89 dBc, fIN 70 MHz @ 80 MSPS
100 dB Multitone SFDR
IF Sampling to 200 MHz
Sampling Jitter 0.1 ps
1.5 W Power Dissipation
Differential Analog Inputs
Pin-Compatible to AD6644
Two’s Complement Digital Output Format
3.3 V CMOS-Compatible
DataReady for Output Latching
APPLICATIONS
Multichannel, Multimode Receivers
Base Station Infrastructure
AMPS, IS-136, CDMA, GSM, WCDMA
Single Channel Digital Receivers
Antenna Array Processing
Communications Instrumentation
Radar, Infrared Imaging
Instrumentation
PRODUCT DESCRIPTION
The AD6645 is a high-speed, high-performance, monolithic
14-bit analog-to-digital converter. All necessary functions,
including track-and-hold (T/H) and reference, are included on
the chip to provide a complete conversion solution. The AD6645
provides CMOS-compatible digital outputs. It is the fourth
generation in a wideband ADC family, preceded by the
AD9042 (12-bit, 41 MSPS), the AD6640 (12-bit, 65 MSPS,
IF sampling), and the AD6644 (14-bit, 40 MSPS/65 MSPS).
Designed for multichannel, multimode receivers, the AD6645 is
part of Analog Device’s SoftCell™ transceiver chipset. The
AD6645 maintains 100 dB multitone, spurious-free dynamic
range (SFDR) through the second Nyquist band. This break-
through performance eases the burden placed on multimode
digital receivers (software radios) that are typically limited by
the ADC. Noise performance is exceptional; typical signal-to-
noise ratio is 74.5 dB through the first Nyquist band.
The AD6645 is built on Analog Devices’ high-speed complemen-
tary bipolar process (XFCB) and uses an innovative, multipass
circuit architecture. Units are available in a thermally enhanced 52-
lead PowerQuad 4
® (LQFP_ED) specified from –40
∞C to +85∞C.
PRODUCT HIGHLIGHTS
1. IF Sampling
The AD6645 maintains outstanding ac performance up to
input frequencies of 200 MHz. Suitable for multicarrier 3G
wideband cellular IF sampling receivers.
2. Pin Compatibility
The ADC has the same footprint and pin layout as the
AD6644, 14-Bit 40 MSPS/65 MSPS ADC.
3. SFDR Performance and Oversampling
Multitone SFDR performance of –100 dBc can reduce the
requirements of high-end RF components and allows the use
of receive signal processors such as the AD6620 or AD6624/
AD6624A.
FUNCTIONAL BLOCK DIAGRAM
5
A1
TH2
A2
TH4
ADC3
TH5
TH3
TH1
DAC1
ADC2
DAC2
ADC1
6
AIN
AIN
VREF
ENCODE
ENCODE
AVCC
DVCC
GND
DMID
OVR
DRY
D13
MSB
D12
D11
D10
D9D8D7D6D5D4D3D2
D1D0
LSB
INTERNAL
TIMING
5
DIGITAL ERROR CORRECTION LOGIC
AD6645
2.4V
SoftCell is a trademark of Analog Devices, Inc.
PowerQuad 4 is a registered trademark of Amkor Technology, Inc.


Similar Part No. - AD6645/PCB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6645 AD-AD6645 Datasheet
121Kb / 3P
Low Jitter Sampling Clock Generator for High Performance ADCs
REV. 0
AD6645 AD-AD6645 Datasheet
776Kb / 24P
14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645 AD-AD6645 Datasheet
776Kb / 24P
14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645 AD-AD6645 Datasheet
776Kb / 24P
14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645 AD-AD6645 Datasheet
776Kb / 24P
14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
More results

Similar Description - AD6645/PCB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9444 AD-AD9444 Datasheet
1Mb / 40P
14-Bit, 80 MSPS, A/D Converter
10/04-Revision 0
AD6645ASQ-105 AD-AD6645ASQ-105 Datasheet
776Kb / 24P
14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASQZ-105 AD-AD6645ASQZ-105 Datasheet
776Kb / 24P
14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASVZ-80 AD-AD6645ASVZ-80 Datasheet
776Kb / 24P
14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASVZ-105 AD-AD6645ASVZ-105 Datasheet
776Kb / 24P
14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASQZ-80 AD-AD6645ASQZ-80 Datasheet
776Kb / 24P
14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
logo
Texas Instruments
ADC14C080 TI1-ADC14C080_14 Datasheet
1Mb / 30P
14-Bit, 65/80 MSPS A/D Converter
logo
Analog Devices
AD6645 AD-AD6645_15 Datasheet
776Kb / 24P
14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD9444 AD-AD9444_15 Datasheet
1Mb / 40P
14-Bit, 80 MSPS, A/D Converter
REV. 0
AD9444 AD-AD9444_17 Datasheet
999Kb / 41P
14-Bit, 80 MSPS, A/D Converter
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com