Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6645/PCB Datasheet(PDF) 17 Page - Analog Devices

Part # AD6645/PCB
Description  14-Bit, 80 MSPS A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6645/PCB Datasheet(HTML) 17 Page - Analog Devices

Back Button AD6645/PCB Datasheet HTML 12Page - Analog Devices AD6645/PCB Datasheet HTML 13Page - Analog Devices AD6645/PCB Datasheet HTML 14Page - Analog Devices AD6645/PCB Datasheet HTML 15Page - Analog Devices AD6645/PCB Datasheet HTML 16Page - Analog Devices AD6645/PCB Datasheet HTML 17Page - Analog Devices AD6645/PCB Datasheet HTML 18Page - Analog Devices AD6645/PCB Datasheet HTML 19Page - Analog Devices AD6645/PCB Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
REV. 0
–17–
AD6645
Table II. AD6645ASQ/PCB Bill of Materials
Item
No.
Qty
Reference ID1
Description
Manufacturer
11
6645EE01C
AD6644/AD6645 Evaluation Printed Circuit Board
PCSM, Inc. (6645EE01C)
23
C1, C2, C38
Capacitor, Tantalum SMT T491C, 10
mF; 16 V; 10%
Kemet (T491C106M016AS)
39
C3, C7–C11, C16,
Capacitor, SMT 0508, 0.1
mF; 16 V; 10%
Presidio Components
C30, C32
(0508X7R104K16VP6)
48
C4, C22–C26, C29,
Capacitor, SMT 0805, 0.1
mF; 25 V; 10%
Panasonic (ECJ-2VB1E104K)
(C33), (C34), C39
50
(C5, C6)
Capacitor, SMT 0805, 0.01
mF; 50 V; 10%
Panasonic (ECJ-2YB1H103K)
69
C12–C14, C17–C21,
Capacitor, SMT 0508, 0.01
mF; 16 V; 10%
Presidio Components
C40
(0508X7R103M2P3)
71
CR1
Diode, Schottky Barrier, Dual
Panasonic (MA716-TX)
81
E3, E4, E5
100" Straight Male Header (Single Row), 3 of 50 pins
Samtec (TSW-1-50-08-G-S)
94
F1–F4
EMI Suppression Ferrite Chip, SMT 0805
Steward (HZ0805E601R-00)
10
1
J1
Connector, PCB Pin Strip; 5 pins; 5 mm pitch
Wieland (Z5.530.0525.0)
11
1
J1
Connector, PCB Terminal; 5 pins; 5 mm pitch
Wieland (25.602.2553.0)
12
1
J2
Terminal Strip, 50 pin; right angle
Samtec (TSW-125-08-T-DRA)
13
0
(J3)
Connector, SMA; RF; Gold
Johnson Components, Inc.
(142-0701-201)
14
2
J4, J5
Connector, Coaxial RF Receptacle; 50
W
AMP (227699-2)
15
0
(R1)
Resistor, SMT 0402; 100; 1/16w; 1%
Panasonic (ERJ-2RKF1000X)
16
0
(R2)
2
Resistor, SMT 1206; 60.4; 1/8w; 1%
Panasonic (ERJ-8ENF60R4V)
17
0
(R3, R4, R5, R8)
Resistor, SMT 0805; 499; 1/10w; 1%
Panasonic (ERJ-6ENF4990V)
18
2
R6, R7
Resistor, SMT 0805; 25.5; 1/10w; 1%
Panasonic (ERJ-6ENF25R5V)
19
1
R9
Resistor, SMT 0805; 348; 1/10w; 1%
Panasonic (ERJ-6ENF3480V)
20
1
R10
Resistor, SMT 0805; 619; 1/10w; 1%
Panasonic (ERJ-6ENF6190V)
21
0
(R11), (R13)
Resistor, SMT 0805; 66.5; 1/10w; 1%
Panasonic (ERJ-6ENF66R5V)
22
0
(R12), (R14)
Resistor, SMT 0805; 100; 1/10w; 1%
Panasonic (ERJ-6ENF1000V)
23
1
R15
2
Resistor, SMT 0402; 178; 1/16w; 1%
Panasonic (ERJ-2RKF1780X)
24
1
R35
Resistor, SMT 0805; 49.9; 1/10w; 1%
Panasonic (ERJ-6ENF49R9V)
25
2
RN1, RN3
Resistor Array, SMT 0402; 470; 1/4w; 5%
Panasonic (EXB2HV471JV)
26
2
RN2, RN4
Resistor Array, SMT 0402; 220; 1/4w; 5%
Panasonic (EXB2HV221JV)
27
1
T2
RF Transformer, SMT KK81, 0.2–350 MHz; 4:1
W Ratio Mini-Circuits (T4-1-KK81)
28
1
T3
RF Transformer, SMT CD542, 2–775 MHz; 4:1
W Ratio Mini-Circuits (ADT4-1WT)
29
1
U1
I.C., QFP-52; 14-Bit, 80 MSPS
Analog Devices (AD6645ASQ)
Wideband Analog-to-Digital Converter
30
2
U2, U7
I.C., SOIC-20; Octal D-Type Flip-Flop
Fairchild (74LCX574WM)
31
0
(U3)
I.C., SOIC-8; Low Distortion Differential ADC Driver
Analog Devices (AD8138AR)
32
2
U4, U6
I.C., SMT SOT-23; TinyLogic UHS 2-Input OR Gate
Fairchild (NC7SZ32)
33
1
U5
3
Clock Oscillator, Full Size MX045; 80 MHz
CTS Reeves (MXO45-80)
34
4
U5
3
Connector, Miniature Spring Socket,
Amp (5-330808-3)
35
0
(U8)
I.C., SOIC-8; Differential Receiver
Motorola (MC100EL16)
36
4
See drawing
Circuit Board Support on Base
Richo (CBSB-14-01)
37
1
See drawing
0.100" Shorting Block
Jameco (152670)
NOTES
1Reference designators in parentheses are not installed on standard units. (AC-coupled AIN and ENCODE.)
AC-coupled AIN is standard, R3, R4, R5, R8, and U3 are not installed.
If dc-coupled AIN is required, C30, T3, and R15 are not installed.
AC-coupled ENCODE is standard. C5, C6, C33, C34, R1, R11–R14, and U8 are not installed.
If PECL ENCODE is required, CR1 and T2 are not installed.
2R2 is installed for 50
W impedance input matching on the primary of T3. R15 is not installed.
R15 is installed for 50
W impedance input matching on the secondary of T3. R2 is not installed.
3U5 Clock Oscillator is installed with pin sockets for removal if OPT_CLK input is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com