Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6645/PCB Datasheet(PDF) 10 Page - Analog Devices

Part # AD6645/PCB
Description  14-Bit, 80 MSPS A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6645/PCB Datasheet(HTML) 10 Page - Analog Devices

Back Button AD6645/PCB Datasheet HTML 6Page - Analog Devices AD6645/PCB Datasheet HTML 7Page - Analog Devices AD6645/PCB Datasheet HTML 8Page - Analog Devices AD6645/PCB Datasheet HTML 9Page - Analog Devices AD6645/PCB Datasheet HTML 10Page - Analog Devices AD6645/PCB Datasheet HTML 11Page - Analog Devices AD6645/PCB Datasheet HTML 12Page - Analog Devices AD6645/PCB Datasheet HTML 13Page - Analog Devices AD6645/PCB Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
REV. 0
AD6645
–10–
FREQUENCY – MHz
010
203040506070
ENCODE = 80MSPS @ AIN = –1dBFS
TEMP = –40 C, +25 C, +85 C
72.0
72.5
73.0
73.5
74.0
74.5
75.0
75.5
T = +25 C
T = +85 C
T = –40 C
TPC 7. Noise vs. Analog Frequency
ANALOG INPUT FREQUENCY – MHz
010
20
3040506070
ENCODE = 80MSPS @ AIN = –1dBFS
TEMP = –40 C, +25 C, +85 C
80
82
84
86
88
90
92
94
T = +25 C
T = –40 C, +85 C
TPC 8. Harmonics vs. Analog Frequency
ANALOG FREQUENCY – MHz
020
80
40
100
60
ENCODE = 80MSPS @ AIN = –1dBFS
TEMP = 25 C
70
71
72
73
74
75
76
120
140
160
180
200
TPC 9. Noise vs. Analog Frequency (IF)
ANALOG FREQUENCY – MHz
020
80
40
100
60
ENCODE = 80MSPS @ AIN = –1dBFS
TEMP = 25 C
60
65
120
140
160
180
200
70
80
90
100
75
85
95
WORST OTHER SPUR
HARMONICS (2ND, 3RD)
TPC 10. Harmonics vs. Analog Frequency (IF)
ANALOG INPUT POWER LEVEL – dBFS
0
–90
10
20
30
40
50
60
70
80
90
100
110
–80
–70
–60
–50
–40
–30
–20
ENCODE = 80MSPS
AIN = 30.5MHz
dBc
SFDR = 90dB
REFERENCE LINE
120
dBFS
–10
0
TPC 11. Single Tone SFDR @ 30.5 MHz
ANALOG INPUT POWER LEVEL – dBFS
0
–90
10
20
30
40
50
60
70
80
90
100
110
–80
–70
–60
–50
–40
–30
–20
ENCODE = 80MSPS
AIN = 69.1MHz
dBc
SFDR = 90dB
REFERENCE LINE
120
dBFS
–10
0
TPC 12. Single Tone SFDR @ 69.1 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com