Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6645/PCB Datasheet(PDF) 20 Page - Analog Devices

Part # AD6645/PCB
Description  14-Bit, 80 MSPS A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6645/PCB Datasheet(HTML) 20 Page - Analog Devices

Back Button AD6645/PCB Datasheet HTML 12Page - Analog Devices AD6645/PCB Datasheet HTML 13Page - Analog Devices AD6645/PCB Datasheet HTML 14Page - Analog Devices AD6645/PCB Datasheet HTML 15Page - Analog Devices AD6645/PCB Datasheet HTML 16Page - Analog Devices AD6645/PCB Datasheet HTML 17Page - Analog Devices AD6645/PCB Datasheet HTML 18Page - Analog Devices AD6645/PCB Datasheet HTML 19Page - Analog Devices AD6645/PCB Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
REV. 0
–20–
AD6645
OUTLINE DIMENSIONS
Dimensions shown in millimeters and (inches).
52-Lead PowerQuad 4 (LQFP_ED)
(SQ-52)
0.65 (0.026)
0.38 (0.015)
0.32 (0.013)
0.22 (0.009)
12.00 (0.472) SQ
10.20 (0.402)
10.00 (0.394) SQ
9.80 (0.386)
TOP VIEW
(PINS DOWN)
40
52
1
14
13
26
27
39
7.80 (0.307)
1.60
(0.063)
MAX
VIEW A
SEATING
PLANE
0.75 (0.030)
0.60 (0.024)
0.45 (0.018)
0.15 (0.006)
0.05 (0.002)
VIEW A
0.10 (0.004)
COPLANARITY
1.45 (0.057)
1.40 (0.055)
1.35 (0.053)
40
52
1
14
13
26
27
39
EXPOSED
HEATSINK
(CENTERED)
2.35 (0.093)
2.20 (0.087)
2.05 (0.081)
(4 PLCS)
6.00 (0.236)
5.90 (0.232)
5.80 (0.228)
6.00 (0.236)
5.90 (0.232)
5.80 (0.228)
2.65 (0.104)
2.50 (0.098)
2.35 (0.093)
(4 PLCS)
BOTTOM VIEW
(PINS UP)
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER
EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
THE AD6645 POWERQUAD 4 (LQFP_ED) HAS A THERMALLY AND ELECTRICALLY CONDUCTIVE HEAT SLUG EXPOSED ON THE
BOTTOM OF THE PACKAGE WHICH CAN BE UTILIZED FOR ENHANCED THERMAL MANAGEMENT. IT IS RECOMMENDED THAT
NO UNMASKED ACTIVE PCB TRACES OR VIAS BE LOCATED UNDER THE PACKAGE THAT COULD COME INTO CONTACT WITH
THE GROUNDED HEAT SLUG. ALTHOUGH NOT A REQUIREMENT FOR SPECIFIED OPERATION, SOLDERING THE SLUG TO A
GROUND PLANE WITH SUFFICIENT THERMAL CAPACITY WILL REDUCE THE JUNCTION TEMPERATURE OF THE DEVICE. THIS
MAY PROVE BENEFICIAL IN HIGH RELIABILITY APPLICATIONS WHERE LOWER JUNCTION TEMPERATURES TYPICALLY CONTRIBUTE
TO INCREASED SEMICONDUCTOR RELIABILITY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com