Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95256-DF Datasheet(PDF) 45 Page - STMicroelectronics

Part # M95256-DF
Description  256-Kbit serial SPI bus EEPROM with high-speed clock
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95256-DF Datasheet(HTML) 45 Page - STMicroelectronics

Back Button M95256-DF Datasheet HTML 41Page - STMicroelectronics M95256-DF Datasheet HTML 42Page - STMicroelectronics M95256-DF Datasheet HTML 43Page - STMicroelectronics M95256-DF Datasheet HTML 44Page - STMicroelectronics M95256-DF Datasheet HTML 45Page - STMicroelectronics M95256-DF Datasheet HTML 46Page - STMicroelectronics M95256-DF Datasheet HTML 47Page - STMicroelectronics M95256-DF Datasheet HTML 48Page - STMicroelectronics M95256-DF Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 51 page
background image
Date
Revision
Changes
Rephrased “test condition” text in:
•
Table 14: DC characteristics (M95256, device grade 3)
•
Table 20: DC characteristics (current M95080-W products)
•
Table 16: DC characteristics (M95256-W, device grade 3)
•
Table 23: DC characteristics (current and new M95080-R and M95080-DR products)
•
Table 18: AC characteristics (M95256, device grade 3)
•
Table 31: AC characteristics, M95080-W, device grade 6
•
table 20: AC characteristics (M95256-W, device grade 3)
•
Table 36: AC characteristics (M95080-R, M95080-DR device grade 6)
Added:
•
Caution under Figure 3: WLCSP connections (top view, marking side, with balls on the underside)
•
MC = UFDFPN8 package in Section 11: Part numbering
20-May-2011
14
Updated:
•
UFDFPN8 offered in only one package version
Added:
•
Table 15: Memory cell characteristics
19-Jul-2011
15
MC package added (UFDFPN8)
23-Nov-2011
16
Updated:
•
Footnote 3 below Table 7: Absolute maximum ratings
•
Footnotes 1, 2, 4, 5 below Table 15: DC characteristics (M95256-W, device grade 6)
•
Footnotes 1, 2, 3, 5 below Table 17: DC characteristics (M95256-R, M95256-DR, device grade 6)
•
Table 19: AC characteristics, M95256-W, device grade 6 headings, TQLQH and TQHQL values. One footnote
removed and one added
•
Table 21: AC characteristics (M95256-DR, M95256-R device grade 6), new columns for new pairs of products.
Footnote 2 edited.
17-Jan-2012
17
Updated Figure 25: UFDFPN8 (MLP8) - 8-lead ultra thin fine pitch dual flat no lead, package outline.
21-Jun-2012
18
Datasheet split into:
•
M95256-125 datasheet for automotive products (range 3)
•
M95256-W, M95256-R, M95256-DR, M95256-DF (this datasheet) for standard products (range 6).
Added:
•
1.7 V device (M95256-DF)
Updated:
•
Figure 15: Block diagram
•
Table 58: M95080-DFCS6TP/K, WLCSP 8-bump wafer-level chip scale package mechanical data and Figure
42: M95080-DFCS6TP/K, WLCSP 8-bump wafer-level chip scale package outline
•
Cycling and data retention values (Table 19 and Table 20)
Deleted:
•
UFDFPN8 package rev MB
24-Jul-2012
19
Updated:
•
WLCSP package reference from “CT” to “CS”
•
Figure 3: WLCSP connections (top view, marking side, with bumps on the underside)
•
Figure 42: M95080-DFCS6TP/K, WLCSP 8-bump wafer-level chip scale package outline.
09-Apr-2013
20
Document reformatted.
Updated:
•
Package figure on cover page
•
Section 7.2: Initial delivery state
•
Note (1) in Table 7: Absolute maximum ratings
Deleted former footnote 1 in Table 17: DC characteristics (M95256-DF, device grade 6).
Replaced “ball” by “bump” in the entire document.
M95256-W M95256-R M95256-DF
DS4712 - Rev 22
page 45/51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com