Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95256-DF Datasheet(PDF) 15 Page - STMicroelectronics

Part # M95256-DF
Description  256-Kbit serial SPI bus EEPROM with high-speed clock
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95256-DF Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M95256-DF Datasheet HTML 11Page - STMicroelectronics M95256-DF Datasheet HTML 12Page - STMicroelectronics M95256-DF Datasheet HTML 13Page - STMicroelectronics M95256-DF Datasheet HTML 14Page - STMicroelectronics M95256-DF Datasheet HTML 15Page - STMicroelectronics M95256-DF Datasheet HTML 16Page - STMicroelectronics M95256-DF Datasheet HTML 17Page - STMicroelectronics M95256-DF Datasheet HTML 18Page - STMicroelectronics M95256-DF Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 51 page
background image
6.3.4
SRWD bit
The Status register Write Disable (SRWD) bit is operated in conjunction with the Write protect (W) signal. The
Status register Write Disable (SRWD) bit and Write protect (W) signal enable the device to be put in the Hardware
Protected mode (when the Status register Write Disable (SRWD) bit is set to 1, and Write protect (W) is driven
low). In this mode, the non-volatile bits of the Status register (SRWD, BP1, BP0) become read-only bits and the
Write Status register (WRSR) instruction is no longer accepted for execution.
Table 6. Status register format
b7
b0
SRWD
0
0
0
BP1
BP0
WEL
WIP
Status register Write protect
Block protect bits
Write enable latch bit
Write in progress bit
M95256-W M95256-R M95256-DF
Read Status register (RDSR)
DS4712 - Rev 22
page 15/51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com