Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95256-DF Datasheet(PDF) 22 Page - STMicroelectronics

Part # M95256-DF
Description  256-Kbit serial SPI bus EEPROM with high-speed clock
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95256-DF Datasheet(HTML) 22 Page - STMicroelectronics

Back Button M95256-DF Datasheet HTML 18Page - STMicroelectronics M95256-DF Datasheet HTML 19Page - STMicroelectronics M95256-DF Datasheet HTML 20Page - STMicroelectronics M95256-DF Datasheet HTML 21Page - STMicroelectronics M95256-DF Datasheet HTML 22Page - STMicroelectronics M95256-DF Datasheet HTML 23Page - STMicroelectronics M95256-DF Datasheet HTML 24Page - STMicroelectronics M95256-DF Datasheet HTML 25Page - STMicroelectronics M95256-DF Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 51 page
background image
6.7
Read Identification page (available only in M95256-D devices)
The Identification page (64 bytes) is an additional page that can be written and (later) permanently locked in
Read-only mode.
This page is read with the Read Identification page instruction (see Table 4. Instruction set). The Chip select
signal (S) is first driven low, the bits of the instruction byte and address bytes are then shifted in, on Serial data
input (D). Address bit A10 must be 0, upper address bits are Don't care, and the data byte pointed to by the lower
address bits [A5:A0] is shifted out on Serial data output (Q). If Chip select (S) continues to be low, the internal
address register is automatically incremented, and the byte of data at the new address is shifted out.
The number of bytes to read in the ID page must not exceed the page boundary, otherwise unexpected data are
read (for instance when reading the ID page from location 24d, the number of bytes must be lower than or equal
to 40d, as the ID page boundary is 64 bytes).
The read cycle is terminated by driving Chip select (S) high. The rising edge of the Chip select (S) signal can
occur at any time during the cycle. The first byte addressed can be any byte within any page.
The instruction is not accepted, and is not executed, if a write cycle is currently in progress.
Figure 15. Read Identification page sequence
C
D
Q
15
2
1
3 4 5 6 7 8 9 10
20 21 22 23 24 25 26 27
14 13
3
2
1
0
28 29 30
7
6
5
4
3
1
7
0
High impedance
Data Out 1
Instruction
16-bit address
0
MSB
MSB
2
31
Data Out 2
S
M95256-W M95256-R M95256-DF
Read Identification page (available only in M95256-D devices)
DS4712 - Rev 22
page 22/51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com