Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95256-DF Datasheet(PDF) 12 Page - STMicroelectronics

Part # M95256-DF
Description  256-Kbit serial SPI bus EEPROM with high-speed clock
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95256-DF Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M95256-DF Datasheet HTML 8Page - STMicroelectronics M95256-DF Datasheet HTML 9Page - STMicroelectronics M95256-DF Datasheet HTML 10Page - STMicroelectronics M95256-DF Datasheet HTML 11Page - STMicroelectronics M95256-DF Datasheet HTML 12Page - STMicroelectronics M95256-DF Datasheet HTML 13Page - STMicroelectronics M95256-DF Datasheet HTML 14Page - STMicroelectronics M95256-DF Datasheet HTML 15Page - STMicroelectronics M95256-DF Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 51 page
background image
6.1
Write enable (WREN)
The Write enable latch (WEL) bit must be set prior to each WRITE and WRSR instruction. The only way to do this
is to send a Write enable instruction to the device.
As shown in Figure 8, to send this instruction to the device, Chip select (S) is driven low, and the bits of the
instruction byte are shifted in, on Serial data input (D). The device then enters a wait state. It waits for the device
to be deselected by Chip select (S) being driven high.
Figure 8. Write enable (WREN) sequence
MS41478V1
C
D
Q
2
1
3
4
5
6
7
High impedance
0
Instruction
S
M95256-W M95256-R M95256-DF
Write enable (WREN)
DS4712 - Rev 22
page 12/51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com