Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2004DIE2 Datasheet(PDF) 59 Page - STMicroelectronics

Part # STE2004DIE2
Description  102 X 65 SINGLE CHIP LCD CONTROLLER / DRIVER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2004DIE2 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STE2004DIE2 Datasheet HTML 55Page - STMicroelectronics STE2004DIE2 Datasheet HTML 56Page - STMicroelectronics STE2004DIE2 Datasheet HTML 57Page - STMicroelectronics STE2004DIE2 Datasheet HTML 58Page - STMicroelectronics STE2004DIE2 Datasheet HTML 59Page - STMicroelectronics STE2004DIE2 Datasheet HTML 60Page - STMicroelectronics STE2004DIE2 Datasheet HTML 61Page - STMicroelectronics STE2004DIE2 Datasheet HTML 62Page - STMicroelectronics STE2004DIE2 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 66 page
background image
59/66
STE2004
Figure 73. 68000-series Parallel interface timing
Figure 74. 8080-series parallel Interface timing
Table 23 Electrical Characteristics (continued)
AC OPERATION (continued)
(VDD1 = 1.7 to 3.6 V; VDD2 = 1.75 to 4.5V; Vss1,2 = 0V; VLCD = 4.5 to 15 V; Tamb =-40 to 85°C; unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
PARALLEL INTERFACE
TCYC
System Cycle Time
VDD1 = 1.7V; Read & Write
125
ns
TCLW
Control Low Pulse Width (WR)
20
ns
TCHW
Control High Pulse Width (WR)
75
ns
TCLR
Control Low Pulse Width (RD)
40
ns
TCHR
Control High Pulse Width (RD)
55
ns
TEWHW
Enable High Pulse Width (Write)
60
ns
TEWLW
Enable Low Pulse Width (Write)
60
ns
TEWHR
Enable High Pulse Width (Read)
60
ns
TEWLR
Enable Low Pulse Width (Read)
60
ns
TSU(A)
Address Set-up Time
10
ns
TH(A)
Address Hold Time
10
ns
TSU1
Data Set-Up Time
30
ns
TH1
Data Hold Time
30
ns
TSU2
Read Access Time
40
ns
TH2
Output Disable Time
0
30
ns
D/C
R/W
CS
E
D0 to D7
(Write)
D0 to D7
(Read)
tSU2
tH2
tSU1
tCYC
tH(A)
tSU(A)
tEWHR, tEWHW
tEWLR, tEWLW
tH1
D/C
CS
WR, RD
D0 to D7
(Write)
D0 to D7
(Read)
tSU2
tH2
tSU1
tCYC
tH (A)
tSU(A)
tCLR , tCLW
tCHR , tCHW
tH1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com