Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2004DIE2 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STE2004DIE2
Description  102 X 65 SINGLE CHIP LCD CONTROLLER / DRIVER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2004DIE2 Datasheet(HTML) 2 Page - STMicroelectronics

  STE2004DIE2 Datasheet HTML 1Page - STMicroelectronics STE2004DIE2 Datasheet HTML 2Page - STMicroelectronics STE2004DIE2 Datasheet HTML 3Page - STMicroelectronics STE2004DIE2 Datasheet HTML 4Page - STMicroelectronics STE2004DIE2 Datasheet HTML 5Page - STMicroelectronics STE2004DIE2 Datasheet HTML 6Page - STMicroelectronics STE2004DIE2 Datasheet HTML 7Page - STMicroelectronics STE2004DIE2 Datasheet HTML 8Page - STMicroelectronics STE2004DIE2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 66 page
background image
STE2004
2/66
Table 2. Pin Description
Pad
Type
Function
R0 to R64
1-6
109-141
O
LCD Row Driver Output
C0 to C101
6-107
O
LCD Column Driver Output
VSS
192-203
GND
Ground pads.
VDD1
156-163
Supply
IC Positive Power Supply
VDD2
164-171
Supply
Internal Generator Supply Voltages.
VLCD
205-209
Supply
Voltage Multiplier Output
VLCDSENSE
204
Supply
Voltage Multiplier Regulation Input. VLCDOUT Sensing for Output Voltage Fine Tuning
VSENSE_SLAVE
145
Supply
Voltage reference for SLAVE CHARGE PUMP
VSSAUX
190-177-
147
O
Ground Reference for Pins Configuration
VDD1AUX
142
O
VDD1 Reference for Pins Configuration
SEL1,2,3
152
153
154
I
Interface Mode Selection - CANNOT BE LEFT FLOATING
EXT_SET
151
I
Extended Instruction Set Selection - CANNOT BE LEFT FLOATING
ICON_MODE
155
I
Extended Instruction Set Selection - CANNOT BE LEFT FLOATING
SDOUT
180
O
Serial & SPI Data Output - IF UNUSED MUST BE LEFT FLOATING
SDIN - SDAIN
179
I
SDIN - Serial & SPI Interface Data Input - CANNOT BE LEFT FLOATING
I
SDAIN - I2C Bus Data In - CANNOT BE LEFT FLOATING
SCLK - SCL
181
I
SCLK - Serial & SPI Interface Clock - CANNOT BE LEFT FLOATING
I
SCL - I2C bus Clock - CANNOT BE LEFT FLOATING
SDA_OUT
178
O
I2C Bus Data Out IF UNUSED MUST BE LEFT FLOATING
SA0
149
I
I2C Slave Address BIT 0 - CANNOT BE LEFT FLOATING
SA1
148
I
I2C Slave Address BIT 1- CANNOT BE LEFT FLOATING
DB0 to DB7
182-189
I/O
Parallel Interface 8 Bit Data Bus - CANNOT BE LEFT FLOATING
R/W - RD
175
I
R/W - 68000 Series Parallel Interface Read & Write Control Input
- CANNOT BE LEFT FLOATING
IRD - 8080 Series Parallel Interface Read enable Clock Input
- CANNOT BE LEFT FLOATING
E / WR
176
I
E - 68000 Series Parallel Interface Read & Write Clock Input
- CANNOT BE LEFT FLOATING
SEL3
SEL2
SEL1
Interface
GND / VSSAUX
GND / VSSAUX
GND / VSSAUX
I2C
GND / VSSAUX
GND / VSSAUX
VDD1
SPI 4-Lines 8 bit
GND / VSSAUX
VDD1
GND / VSSAUX
SPI 3-Lines 8 bit
GND / VSSAUX
VDD1
VDD1
Serial 3-Lines 9 bit
VDD1
GND / VSSAUX
GND / VSSAUX
Parallel 8080-series
VDD1
GND / VSSAUX
VDD1
Parallel 68000-series
EXT PAD CONFIG
INSTRUCTION SET SELECTED
GND or VSSAUX
BASIC
VDD1
EXTENDED
ICON MODE PAD CONFIG
ICON MODE STATUS
GND or VSSAUX
DISBLED
VDD1
ENABLED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com