Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2004DIE2 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STE2004DIE2
Description  102 X 65 SINGLE CHIP LCD CONTROLLER / DRIVER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2004DIE2 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STE2004DIE2 Datasheet HTML 26Page - STMicroelectronics STE2004DIE2 Datasheet HTML 27Page - STMicroelectronics STE2004DIE2 Datasheet HTML 28Page - STMicroelectronics STE2004DIE2 Datasheet HTML 29Page - STMicroelectronics STE2004DIE2 Datasheet HTML 30Page - STMicroelectronics STE2004DIE2 Datasheet HTML 31Page - STMicroelectronics STE2004DIE2 Datasheet HTML 32Page - STMicroelectronics STE2004DIE2 Datasheet HTML 33Page - STMicroelectronics STE2004DIE2 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 66 page
background image
STE2004
30/66
Figure 37. 4-lines SPI Reading Sequence
4.2.2 3-lines SPI Interface
The STE2004 3-lines serial Interface is a bidirectional link between the display driver and the application
supervisor.
It consists of three lines: one/two for data signals (SDIN,SDOUT), one for clock signals (SCLK) and one
for peripheral enable (CS).
If the R/W bit is set to logic 0 the STE2004 is set to be a receiver. One or more command word follows to
define the status of the device.
A command word is composed by two bytes. The first is a control byte which defines Co, D/C, R/W H[1;0]
and HE values, the second is a data byte (fig 39). The Co bit is the command MSB and defines if after this
command will follow one data byte and an other command word or if will follow a stream of Commands or
a Steam of DDRAM Data (Co = 1 Command word, Co = 0 Stream of data). The D/C bit defines whether
the data byte is a command or DDRAM data (D/C = 1 RAM Data, D/C = 0 Command). The H[1;0] bits
define the instruction Set Page if HE bit =1. If HE bit is set to 0 H[1;0] values are neglected and it is possible
to update the instruction set page number using only the related instruction in the instruction Set.
If Co =1 and D/C = 0 the incoming data byte is decoded as a command, and if Co =1 and D/C =1, the
following data byte will be stored in the data RAM at the location specified by the data pointer.
After the last control byte, if D/C is set to a logic 1 the incoming data bytes are stored inside the STE2004
Display Data RAM starting at the address specified by the data pointer. The data pointer is automatically
updated after every byte written and in the end points to the last RAM location written.
Throughout SDOUT can be read the driver I2C slave address or the status Byte. The Command sequence
that allows to read I2C slave address or the Status byte is reported in Fig. 39 & 40.
If the R bit is set to logic 0 and D/C=0, the I2C slave address is read; If the R bit is set to logic 1 and D/
C=0, the the I2C slave address is read
SDOUT is in High impedance in steady state and during data write.
It is possible to short circuit SDOUT and SDIN and read I2C address or status byte without any additional
line.
READING SEQUENCE
Write a "00000000" Instruction
Source 8 pulses on SCLK and
Read the ID Number or the Status Byte On SDOUT
END OF READING SEQUENCE
SDOUT Buffer Configured in High Impedence
LR0078
SDOUT Buffer becomes active (Low Impedence)
1
note: 1) these data are not read by the display Diver
2) SDIN and SDOUT can be short circuited if the processor can configure
serial output buffers in high impedence during data read
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com