Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2004DIE2 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STE2004DIE2
Description  102 X 65 SINGLE CHIP LCD CONTROLLER / DRIVER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2004DIE2 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STE2004DIE2 Datasheet HTML 24Page - STMicroelectronics STE2004DIE2 Datasheet HTML 25Page - STMicroelectronics STE2004DIE2 Datasheet HTML 26Page - STMicroelectronics STE2004DIE2 Datasheet HTML 27Page - STMicroelectronics STE2004DIE2 Datasheet HTML 28Page - STMicroelectronics STE2004DIE2 Datasheet HTML 29Page - STMicroelectronics STE2004DIE2 Datasheet HTML 30Page - STMicroelectronics STE2004DIE2 Datasheet HTML 31Page - STMicroelectronics STE2004DIE2 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 66 page
background image
STE2004
28/66
4.1.2 Writing Mode.
If the R/W bit is set to logic 0 the STE2004 is set to be a receiver. After the slaves acknowledge one or
more command word follows to define the status of the device.
A command word is composed by three bytes. The first is a control byte which defines the Co and D/C
values, the second and third are data bytes. The Co bit is the command MSB and defines if after this com-
mand will follow two data bytes and an other command word or if will follow a stream of data (Co = 1 Com-
mand word, Co = 0 Stream of data). The D/C bit defines whether the data byte is a command or RAM data
(D/C = 1 RAM Data, D/C = 0 Command).
If Co =1 and D/C = 0 the incoming data byte is decoded as a command, and if Co =1 and D/C =1, the
following data byte will be stored in the data RAM at the location specified by the data pointer.
Every byte of a command word must be acknowledged by all addressed units.
After the last control byte, if D/C is set to a logic 1 the incoming data bytes are stored inside the STE2004
Display RAM starting at the address specified by the data pointer. The data pointer is automatically up-
dated after every byte written and in the end points to the last RAM location written.
Every byte must be acknowledged by all addressed units.
4.1.3 Reading Mode.
If the R/W bit is set to logic 1 the chip will output data immediately after the slave address. If the D/C bit
during the last write access, is set to a logic 0, the byte read is the status byte.
Figure 33. Communication Protocol
4.2 SERIAL INTERFACES
STE2004 can feature three different serial synchronized interfaces with the host controller. It is possible to select
a 3-lines SPI, a 4-lines SPI or 3-line 9 bits Serial Interface.
4.2.1 4-lines SPI interface
STE2004 4-lines serial interface is a bidirectional link between the display driver and the application supervisor.
It consists of four lines: one/two for data signals (SDIN, SOUT), one for clock signals (SCLK), one for the pe-
ripheral enable (CS) and one for mode selection (SD/C).
The serial interface is active only if the CS line is set to a logic 0. When CS line is high the serial peripheral power
consumption is zero. While CS pin is high the serial interface is kept in reset.
The STE2004 is always a slave on the bus and receive the communication clock on the SCLK pin from the mas-
ter.
Information are exchanged byte-wide. During data transfer, the data line is sampled on the positive SCLK edge.
SD/C line status indicates whether the byte is a command (SD/C =0) or a data (SD/C =1); SD/C line is read on
LR0008
S
S
01111
0
A0A
DRIVER ACK
WRITE MODE
READ MODE
R/W
R/W
SLAVE ADDRESS
Co
DRIVER ACK
COMMAND WORD
CONTROL BYTE
MSB........LSB
Co
LAST
N> 0 BYTE
DRIVER ACK
DRIVER ACK
DRIVER ACK
A
1 DC Control Byte
DATA Byte
A
DC Control Byte
A 0
DATA Byte
A P
S
S
01111
0
A1A
DRIVER ACK
MASTER ACK
P
DRIVER
SLAVE ADDRESS
S
01111
0
A
R
/
W
CONTROL BYTE
C
o
D
C
000
A
S
1
A
S
1
A
S
1
A
H
[1]
H
[0]
H
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com