Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMS202IM Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMS202IM
Description  5V Single Supply TIA/EIA-232 Dual Transceivers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMS202IM Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMS202IM Datasheet HTML 1Page - National Semiconductor (TI) LMS202IM Datasheet HTML 2Page - National Semiconductor (TI) LMS202IM Datasheet HTML 3Page - National Semiconductor (TI) LMS202IM Datasheet HTML 4Page - National Semiconductor (TI) LMS202IM Datasheet HTML 5Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Pin Descriptions
Pin Number
Pin Name
Pin Function
1, 3
C1+, C1−
External capacitor connection pins. Recommended external capacitor C1 = 0.1µF (6.3V)
2
V+
Positive supply for TIA/EIA-232E drivers. Recommended external capacitor C4 = 0.1µF (6.3V)
4, 5
C2+, C2−
External capacitor connection pins. Recommended external capacitor C2 = 0.1µF (16V)
6
V−
Negative supply for TIA/EIA-232E drivers. Recommended external capacitor C3 = 0.1µF (16V)
7, 14
T1out, T2out
Transmitter output pins conform to TIA/EIA-232E levels. The typical transmitter output swing is
±8V when loaded 3k
Ω load to ground. The open-circuit output voltage swings from (V+ − 0.6V)
to V−
8,13
R1in, R2in
Receiver inputs accept TIA/EIA-232
9, 12
R1out and R2out Receiver output pins are TTL/CMOS compatible
10, 11
Tin1, Tin2
Transmitter input pins are TTL/CMOS compatible. Inputs of transmitter do not have pull-up
resistors. Connect all unused transmitter inputs to ground
15
GND
Ground pin
16
V
S
Power supply pin for the device, +5V (±10%)
Ordering Information
Package
Part Number
Package Marking
Transport Media
NSC Drawing
16-Pin SOIC
LMS202CM
LMS202CM
48 Units/Rail
M16A
LMS202CMX
2.5k Units Tape and Reel
LMS202IM
LMS202IM
48 Units/Rail
LMS202IMX
2.5k Units Tape and Reel
16-Pin Wide SOIC
LMS202CMW
LMS202CMW
45 Units/Rail
M16B
LMS202CMWX
1.0k Units Tape and Reel
LMS202IMW
LMS202IMW
45 Units/Rail
LMS202IMWX
1.0k Units Tape and Reel
www.national.com
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com