Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMS202IM Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMS202IM
Description  5V Single Supply TIA/EIA-232 Dual Transceivers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMS202IM Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMS202IM Datasheet HTML 1Page - National Semiconductor (TI) LMS202IM Datasheet HTML 2Page - National Semiconductor (TI) LMS202IM Datasheet HTML 3Page - National Semiconductor (TI) LMS202IM Datasheet HTML 4Page - National Semiconductor (TI) LMS202IM Datasheet HTML 5Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Electrical Characteristics (Continued)
Over recommended operating supply and temperature ranges unless otherwise specified C1 = C2 = C3 = C4 = Cbp = 0.1µF
Symbol
Parameter
Conditions
Min
(Note 5)
Typ
Max
(Note 5)
Units
V
SLEW
Transition Region Slew Rate T
A = 25˚C, VS =5V
C
L = 50pF to 1000pF, RL =3k
Ω to 7kΩ
Measured from +3V to −3V or vice versa
3
6
30
V/µs
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics.
Note 2: Human Body Model, 1.5k
Ω in series with 100pF
Note 3: The maximum power dissipation is a function of TJ(MAX), θJA, and TA. The maximum allowable power dissipation at any ambient temperature is PD =
(TJ(MAX) −TA)/ θJA. All numbers apply for packages soldered directly onto a PC board.
Note 4: Typical Values represent the most likely parametric norm.
Note 5: All limits are guaranteed by testing or statistical analysis
Note 6: Machine model, 0
Ω in series with 200pF
Typical Characteristics
Transmitter Output High Voltage vs. Load Capacitance
Transmitter Slew Rate vs. Load Capacitance
20062902
20062903
Application Information
CAPACITOR SELECTION
The recommended capacitors are 0.1µF. However, larger
capacitors for the charge pump may be used to minimized
ripples on V+ and V− pins.
POWER SUPPLY DECOUPLING
In some applications that are sensitive to power supply noise
from the charge pump, place a decoupling capacitor, Cbp,
from V
S to GND. Use at least a 0.1µF capacitor or the same
size as the charge pump capacitors (C1 − C4).
CHARGED PUMP
The dual internal charged-pump provides the ±10V to the to
transmitters. Using capacitor C1, the charge pump converts
+5V to +10V then stores the +10V in capacitor C3. The
charge pump uses capacitor C2 to invert the +10V to −10V.
The −10V is then stored in capacitor C4.
www.national.com
4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com