Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMS202IM Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMS202IM
Description  5V Single Supply TIA/EIA-232 Dual Transceivers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMS202IM Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMS202IM Datasheet HTML 1Page - National Semiconductor (TI) LMS202IM Datasheet HTML 2Page - National Semiconductor (TI) LMS202IM Datasheet HTML 3Page - National Semiconductor (TI) LMS202IM Datasheet HTML 4Page - National Semiconductor (TI) LMS202IM Datasheet HTML 5Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
S
−0.3V to 6V
V+
(V
S − 0.3V) to + 14V
V−
+0.3V to −14V
Driver Input Voltage, T
IN
−0.3V to (V+ +0.3V)
Receiver Input Voltage, R
IN
± 30V
Driver Output Voltage T
O
(V− −0.3V to (V+ + 0.3V)
Receiver Output Voltage R
O
−0.3 to (V
S + 0.3)
Short Circuit Duration, T
O
Continuous
ESD Rating
Human Body Model (Note 2)
2kV
Machine Model (Note 6)
200V
Soldering Information
Infrared or Convection
235˚C
(20sec.)
Junction Temperature
150˚C
Storage Temperature Range
−65˚C to +150˚C
Operating Ratings
Supply Voltage V
S
4.5V to 5.5V
Ambient Temperature Range, T
A
Commercial (C)
0˚C to +70˚C
Industrial (I)
−40˚C to +85˚C
Package Thermal Resistance
(Note 3)
SO
71˚C/W
WSO
55˚C/W
Electrical Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified C1 = C2 = C3 = C4 = Cbp = 0.1µF
Symbol
Parameter
Conditions
Min
(Note 5)
Typ
Max
(Note 5)
Units
DC Characteristics
I
S
Supply Current
No Load, T
A = 25˚C
1
7
mA
Logic
I
INPUT
Input Leakage Current
T
IN = 0VtoVS
±10
µA
V
THL
Input Logic Theshold Low
T
IN
0.8
V
V
THH
Input Logic Theshold High
T
IN
2.0
V
V
OL
TTL/CMOS Output Voltage
Low
R
OUT,IOUT = 3.2mA
0.4
V
V
OH
TTL/CMOS Output Voltage
High
R
OUT,IOUT = −1.0mA
3.5
V
S −0.1
V
RS-232 Receiver Inputs
V
RI
Receiver Input Voltage
Range
−30
+30
V
V
RTHL
Receiver Input Theshold
Low
V
S = 5V, TA = 25˚C
0.8
1.4
V
V
RTHH
Receiver Input Theshold
High
V
S = 5V, TA = 25˚C
2
2.4
V
V
HYST
Receiver Input Hysteresis
V
S = 5V
0.2
0.6
1.0
V
R
I
Receiver Input Resistance
V
S = 5V, TA = 25˚C
3
5
7
k
Ω
RS-232 Transmitter Outputs
V
O
Transmitter Output Voltage
Swing
All transmitters loaded with 3k
Ω to GND
±5
±8V
R
O
Output Resistance
V
S =V+=V−=0V,
V
O = ± 2V
300
Ω
I
OS
Output Short Circuit Current
±11
±60
mA
Timing Characteristics
DR
Maximum Data Rate
C
L = 50pF to 1000pF,
R
L =3k
Ω to 7kΩ
230
kbps
T
RPLH
T
RPHL
Receiver Propagation Delay C
L = 150pF
0.08
1
µs
T
DPLH
T
DPHL
Transmitter Propagation
Delay
R
L =3k
Ω,C
L = 2500pF
All transmitters loaded
2.4
µs
www.national.com
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com