Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMS202IM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMS202IM
Description  5V Single Supply TIA/EIA-232 Dual Transceivers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMS202IM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMS202IM Datasheet HTML 1Page - National Semiconductor (TI) LMS202IM Datasheet HTML 2Page - National Semiconductor (TI) LMS202IM Datasheet HTML 3Page - National Semiconductor (TI) LMS202IM Datasheet HTML 4Page - National Semiconductor (TI) LMS202IM Datasheet HTML 5Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LMS202
5V Single Supply TIA/EIA-232 Dual Transceivers
General Description
The LMS202 features two transmitters and two receivers for
RS-232 communication. It has a DC-to-DC converter that
permits the device to operate with only a single +5V power
supply. The on-chip DC-to-DC converter which utilizes four
external 0.1µF capacitors to generate dual internal power
supplies for RS-232 compatible output levels.
The device meet EIA/TIA-232E and CCITT V.28 specifica-
tions up to 230kbits/sec. The LMS202 is available in a 16 pin
narrow and Wide SOIC package.
Features
n
Single +5V power supply
n
230 kbps data rate
n
On-board DC-to-DC converter
n
0.1µF charge pump capacitors
n
Drop-in replacement to Maxim’s MAX202
Applications
n
POS equipment (Bar code reader)
n
Hand-held equipment
n
General purpose RS-232 communication
Connection Diagram and Typical Circuit
20062901
March 2003
© 2003 National Semiconductor Corporation
DS200629
www.national.com


Similar Part No. - LMS202IM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMS202E NSC-LMS202E Datasheet
132Kb / 8P
15KV ESD Rated, 5V Single Supply TIA/EIA-232 Dual Transceivers
logo
Texas Instruments
LMS202E TI1-LMS202E Datasheet
780Kb / 14P
LMS202E 15KV ESD Rated, 5V Single Supply TIA/EIA-232 Dual Transceivers
logo
National Semiconductor ...
LMS202ECM NSC-LMS202ECM Datasheet
132Kb / 8P
15KV ESD Rated, 5V Single Supply TIA/EIA-232 Dual Transceivers
logo
Texas Instruments
LMS202ECM/NOPB TI1-LMS202ECM/NOPB Datasheet
780Kb / 14P
LMS202E 15KV ESD Rated, 5V Single Supply TIA/EIA-232 Dual Transceivers
logo
National Semiconductor ...
LMS202ECMW NSC-LMS202ECMW Datasheet
132Kb / 8P
15KV ESD Rated, 5V Single Supply TIA/EIA-232 Dual Transceivers
More results

Similar Description - LMS202IM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS14C232 NSC-DS14C232 Datasheet
232Kb / 12P
Low Power 5V Powered TIA/EIA-232 Dual
DS14C238 NSC-DS14C238 Datasheet
85Kb / 5P
Single Supply TIA/EIA-232 4 x 4 Driver/Receiver
DS14C535 NSC-DS14C535 Datasheet
122Kb / 8P
5V Supply EIA/TIA-232 3 x 5 Driver/Receiver
DS14C202 NSC-DS14C202 Datasheet
140Kb / 8P
Low Power 5V Powered EIA/TIA-232 Dual Driver/Receiver
LMS202E NSC-LMS202E Datasheet
132Kb / 8P
15KV ESD Rated, 5V Single Supply TIA/EIA-232 Dual Transceivers
DS14C238 NSC-DS14C238_02 Datasheet
102Kb / 5P
Single Supply TIA/EIA-232 4X4 Driver/Receiver
logo
Texas Instruments
DS14C232 TI1-DS14C232_15 Datasheet
938Kb / 18P
Low Power 5V Powered TIA/EIA-232 Dual Driver/Receiver
DS14C238 TI1-DS14C238_15 Datasheet
733Kb / 13P
Single Supply TIA/EIA-232 4 x 4 Driver/Receiver
DS14C535 TI1-DS14C535_15 Datasheet
794Kb / 14P
5V Supply EIA/TIA-232 3 x 5 Driver/Receiver
LMS202E TI1-LMS202E Datasheet
780Kb / 14P
LMS202E 15KV ESD Rated, 5V Single Supply TIA/EIA-232 Dual Transceivers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com