Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QFP-EP Datasheet(PDF) 1 Page - STATS ChipPAC, Ltd.

Part # QFP-EP
Description  Exposed Pad Quad Flat Pack
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STATSCHIP [STATS ChipPAC, Ltd.]
Direct Link  http://www.statschippac.com
Logo STATSCHIP - STATS ChipPAC, Ltd.

QFP-EP Datasheet(HTML) 1 Page - STATS ChipPAC, Ltd.

  QFP-EP Datasheet HTML 1Page - STATS ChipPAC, Ltd. QFP-EP Datasheet HTML 2Page - STATS ChipPAC, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.statschippac.com
FEATURES
• Body Sizes: 7 x 7mm to 24 x 24mm
• Package Height: 1.0mm (TQFP-ep) and 1.4mm
(LQFP-ep)
• Lead Counts: 32L to 216L
• Lead Pitch: 0.40mm to 0.80mm
• Wide range of open tool leadframe and die pad
sizes available
• JEDEC standard compliant
• Lead-free and Green material sets available
APPLICATIONS
• ASIC
• DSP
• Gate Array
• Logic, Microprocessors/Controllers
• Multimedia, PC Chipsets, Others
•
•
•
•
• 7 x 7mm to 24 x 24mm body sizes
•
•
•
•
• 32 to 216 lead count
•
•
•
•
• Lead pitch range from 0.80mm
to 0.40mm
DESCRIPTION
STATS ChipPAC’s Exposed Pad Quad Flat Pack (QFP-ep) is a
thermally enhanced version of the QFP package. Thermal
enhancement is achieved by means of an exposed die pad,
which can be soldered to a mother PC board for effective
heat removal and grounding. STATS ChipPAC’s QFP-ep family
includes the Exposed Pad-Low Profile QFP (LQFP-ep) and
the Exposed Pad-Thin QFP (TQFP-ep). These enhanced
thermal packages are made possible by deep downset die
pad leadframe design combined with well controlled low
loop wirebonding and package warpage control during the
molding process.
QFP-ep
Exposed Pad Quad Flat Pack


Similar Part No. - QFP-EP

ManufacturerPart #DatasheetDescription
logo
Rohm
QFP-A64 ROHM-QFP-A64 Datasheet
39Kb / 2P
LSI Assembly
logo
STATS ChipPAC, Ltd.
QFP-SD STATSCHIP-QFP-SD Datasheet
527Kb / 2P
Stacked Die Quad Flat Pack
logo
Rohm
QFP-T80 ROHM-QFP-T80 Datasheet
43Kb / 2P
LSI Assembly
More results

Similar Description - QFP-EP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
21-0109B MAXIM-21-0109B Datasheet
35Kb / 1P
PACKAGE OUTLINE, 10L uMAX, EXPOSED PAD
Rev B
logo
NXP Semiconductors
SOT545-3 PHILIPS-SOT545-3 Datasheet
15Kb / 1P
plastic thermal enganced thin quad flat package; 48 leads; body 7 x 7 x 1 mm; exposed die pad
2004 Feb 05
logo
STATS ChipPAC, Ltd.
LQFP STATSCHIP-LQFP Datasheet
126Kb / 2P
Low Profile Quad Flat Pack
MQFP STATSCHIP-MQFP Datasheet
103Kb / 2P
Metric Quad Flat Pack
MQFP-D STATSCHIP-MQFP-D Datasheet
95Kb / 2P
Heat Spreader Metric Quad Flat Pack
MQFP-ED STATSCHIP-MQFP-ED Datasheet
99Kb / 2P
Exposed Drop-in Heat Slug Metric Quad Flat Pack
TQFP STATSCHIP-TQFP Datasheet
92Kb / 2P
Thin Profile Quad Flat Pack
QFP-SD STATSCHIP-QFP-SD Datasheet
527Kb / 2P
Stacked Die Quad Flat Pack
logo
Amkor Technology
CQFP AMKOR-CQFP Datasheet
332Kb / 1P
Ceramic Quad Flat Pack Package
logo
Maxim Integrated Produc...
21-0108 MAXIM-21-0108 Datasheet
71Kb / 2P
PACKAGE OUTLINE, TSSOP 4.4MM BODY, EXPOSED PAD
Rev K
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com