Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THL3WI Datasheet(PDF) 1 Page - TRACO Electronic AG

Part # THL3WI
Description  DC/DC Converters THL 3WI(SM) Series, 3 Watt
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

THL3WI Datasheet(HTML) 1 Page - TRACO Electronic AG

  THL3WI Datasheet HTML 1Page - TRACO Electronic AG THL3WI Datasheet HTML 2Page - TRACO Electronic AG THL3WI Datasheet HTML 3Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
http://www.tracopower.com
Page 1 of 3
DC/DC Converters
THL 3WI(SM) Series, 3 Watt
Features
u Compact design in SMD or DIP package
u Ultra wide 4:1 input voltage range
u Fully regulated outputs
u I/O isolation 1500 VDC
u SMD version qualfied for leadfree re
flow solder process, MSL 2a
u Operating temp. range –40°C to +85°C
u Short circuit protection
u Remote On/Off control
u Input filter to meet EN 55022, class A
without external components
u 3-year product warranty
The THL 3WI(SM) series is a family of compact 3 W dc/dc-converters with 4:1 input
voltage ranges. The product is available in SMD- or DIP-package. The internal filter
which meets EN55022 Class A without external components makes the converter easy
to design in.
They come with remote On/Off and short circuit protection. THL 3WI(SM) converter is
an excellent solution for data- and telecom applications and for instrumentation and
Industrial electronics.
Order code
DIP models
Order code
SMD models
Input voltage range
Output voltage
Output current
max.
Efficiency typ.
THL 3-2410WI
THL 3-2410WISM
3.3 VDC
600 mA
75 %
THL 3-2411WI
THL 3-2411WISM
5.0 VDC
600 mA
78 %
THL 3-2412WI
THL 3-2412WISM
12 VDC
250 mA
80 %
THL 3-2413WI
THL 3-2413WISM
9 – 36 VDC
15 VDC
200 mA
80 %
THL 3-2415WI
THL 3-2415WISM
(24 VDC nominal)
24 VDC
125 mA
80 %
THL 3-2421WI
THL 3-2421WISM
±5 VDC
±300 mA
77 %
THL 3-2422WI
THL 3-2422WISM
±12 VDC
±125 mA
80 %
THL 3-2423WI
THL 3-2423WISM
±15 VDC
±100 mA
80 %
THL 3-4810WI
THL 3-4810WISM
3.3 VDC
600 mA
75 %
THL 3-4811WI
THL 3-4811WISM
5.0 VDC
600 mA
78 %
THL 3-4812WI
THL 3-4812WISM
12 VDC
250 mA
80 %
THL 3-4813WI
THL 3-4813WISM
18 – 75 VDC
15 VDC
200 mA
80 %
THL 3-4815WI
THL 3-4815WISM
(48 VDC nominal)
24 VDC
125 mA
80 %
THL 3-4821WI
THL 3-4821WISM
±5 VDC
±300 mA
77 %
THL 3-4822WI
THL 3-4822WISM
±12 VDC
±125 mA
80 %
THL 3-4823WI
THL 3-4823WISM
±15 VDC
±100 mA
80 %
Models
IEC 60950-1
226037


Similar Part No. - THL3WI

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
THL3WI TOUCHSTONE-THL3WI Datasheet
304Kb / 3P
DC/DC Converters
THL3WISM TOUCHSTONE-THL3WISM Datasheet
302Kb / 3P
DC/DC Converters
logo
TRACO Electronic AG
THL3WISM TRACOPOWER-THL3WISM Datasheet
272Kb / 3P
DC/DC Converters THL 3WI(SM) Series, 3 Watt
Rev. March 6, 2023
More results

Similar Description - THL3WI

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
THL10 TRACOPOWER-THL10 Datasheet
920Kb / 4P
DC/DC Converter THL 10 Series, 10 Watt
Rev. Januaryy 11, 2023
THL15WI TRACOPOWER-THL15WI Datasheet
906Kb / 4P
DC/DC Converter THL 15WI Series, 15 Watt
Rev. Januaryy 19, 2023
THL25 TRACOPOWER-THL25 Datasheet
957Kb / 5P
DC/DC Converter THL 25 Series, 25 Watt
Rev. Januaryy 19, 2023
THL30WI TRACOPOWER-THL30WI Datasheet
1Mb / 5P
DC/DC Converter THL 30WI Series, 30 Watt
Rev. November 30, 2022
THM3WI TRACOPOWER-THM3WI Datasheet
977Kb / 5P
DC/DC Medical Converter THM 3WI Series, 3 Watt
Rev. November 30, 2022
THR3WI TRACOPOWER-THR3WI Datasheet
882Kb / 4P
DC/DC Converter THR 3WI Series, 3 Watt
Rev. November 30, 2022
TMR3WI TRACOPOWER-TMR3WI Datasheet
974Kb / 4P
DC/DC Converter TMR 3WI Series, 3 Watt
Rev. November 30, 2022
TEN3WI TRACOPOWER-TEN3WI Datasheet
219Kb / 3P
DC/DC Converters TEN 3WI Series, 3 Watt
Rev. February 20, 2023
THL3WISM TRACOPOWER-THL3WISM Datasheet
272Kb / 3P
DC/DC Converters THL 3WI(SM) Series, 3 Watt
Rev. March 6, 2023
THL6WISM TRACOPOWER-THL6WISM Datasheet
230Kb / 3P
DC/DC Converters THL 6WISM Series, 6 Watt
Rev. September 29, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com