Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RRZZHHTT-65B-R7N43 Datasheet(PDF) 2 Page - CommScope Inc.

Part # RRZZHHTT-65B-R7N43
Description  16-port sector antenna, 4x 694–960, 4x 1427–2690, 4x 1695-2180 and 4x 2490-2690 MHz, 65° HPBW, 7x RET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMMSCOPE [CommScope Inc.]
Direct Link  https://www.commscope.com/
Logo COMMSCOPE - CommScope Inc.

RRZZHHTT-65B-R7N43 Datasheet(HTML) 2 Page - CommScope Inc.

  RRZZHHTT-65B-R7N43 Datasheet HTML 1Page - CommScope Inc. RRZZHHTT-65B-R7N43 Datasheet HTML 2Page - CommScope Inc. RRZZHHTT-65B-R7N43 Datasheet HTML 3Page - CommScope Inc. RRZZHHTT-65B-R7N43 Datasheet HTML 4Page - CommScope Inc. RRZZHHTT-65B-R7N43 Datasheet HTML 5Page - CommScope Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RRZZHHTT-65B-R7N43
©2022 CommScope, Inc. All rights reserved. All trademarks identified by ® or ™ are registered trademarks,
respectively, of CommScope. All specifications are subject to change without notice. See www.commscope.com for the
most current information. Revised: August 29, 2022
Page of
2
5
Dimensions
Width
430 mm   |   16.929 in
Depth
197 mm   |   7.756 in
Net Weight, antenna only
37.5 kg   |   82.673 lb
Length
2100 mm   |   82.677 in
Array Layout
Port Configuration



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com