Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RRZZHHTT-65B-R7N43 Datasheet(PDF) 4 Page - CommScope Inc.

Part # RRZZHHTT-65B-R7N43
Description  16-port sector antenna, 4x 694–960, 4x 1427–2690, 4x 1695-2180 and 4x 2490-2690 MHz, 65° HPBW, 7x RET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMMSCOPE [CommScope Inc.]
Direct Link  https://www.commscope.com/
Logo COMMSCOPE - CommScope Inc.

RRZZHHTT-65B-R7N43 Datasheet(HTML) 4 Page - CommScope Inc.

  RRZZHHTT-65B-R7N43 Datasheet HTML 1Page - CommScope Inc. RRZZHHTT-65B-R7N43 Datasheet HTML 2Page - CommScope Inc. RRZZHHTT-65B-R7N43 Datasheet HTML 3Page - CommScope Inc. RRZZHHTT-65B-R7N43 Datasheet HTML 4Page - CommScope Inc. RRZZHHTT-65B-R7N43 Datasheet HTML 5Page - CommScope Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
RRZZHHTT-65B-R7N43
©2022 CommScope, Inc. All rights reserved. All trademarks identified by ® or ™ are registered trademarks,
respectively, of CommScope. All specifications are subject to change without notice. See www.commscope.com for the
most current information. Revised: August 29, 2022
Page of
4
5
USLS, beampeak to 20° above
beampeak, dB
18
16
14
13
15
16
Electrical Specifications
Frequency Band, MHz
1427–1518
1695–1990
1920–2300
2300–2500
2490–2690
Beamwidth, Horizontal,
degrees
69
66
64
63
58
Beamwidth, Vertical, degrees
6.8
5.6
5.2
4.7
4.4
Beam Tilt, degrees
2–12
2–12
2–12
2–12
2–12
USLS (First Lobe), dB
18
15
15
18
16
Front-to-Back Ratio at 180°,
dB
32
35
33
33
34
Front-to-Back Total Power at
180° ± 30°, dB
21
27
27
27
27
CPR at Boresight, dB
20
19
19
21
18
Isolation, Cross Polarization,
dB
26
26
26
26
26
Isolation, Inter-band, dB
27
27
27
27
27
VSWR | Return loss, dB
1.5 | 14.0
1.5 | 14.0
1.5 | 14.0
1.5 | 14.0
1.5 | 14.0
PIM, 3rd Order, 2 x 20 W, dBc
-150
-150
-150
-150
-150
Input Power per Port at 50°C,
maximum, watts
250
250
250
200
200
Electrical Specifications, BASTA
Frequency Band, MHz
1427–1518
1695–1990
1920–2300
2300–2500
2490–2690
Gain by all Beam Tilts,
average, dBi
15.5
16.6
17.4
17.8
17.7
Gain by all Beam Tilts
Tolerance, dB
±0.5
±0.6
±0.7
±0.4
±0.6
Beamwidth, Horizontal
Tolerance, degrees
±10.3
±7.5
±7.9
±6.4
±5.3
Beamwidth, Vertical
Tolerance, degrees
±0.3
±0.5
±0.5
±0.3
±0.2
USLS, beampeak to 20° above
beampeak, dB
16
15
15
15
14
Mechanical Specifications
Effective Projective Area (EPA), frontal
0.46 m²   |   4.951 ft²
Effective Projective Area (EPA), lateral
0.25 m²   |   2.691 ft²



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com